Electronic Components Datasheet Search
  English  ▼

X  

MSM64481 Datasheet(PDF) 10 Page - OKI electronic componets

Part # MSM64481
Description  Built-in 512-Bit EEPROM and LCD Driver 4-Bit Microcontroller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM64481 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button MSM64481 Datasheet HTML 4Page - OKI electronic componets MSM64481 Datasheet HTML 5Page - OKI electronic componets MSM64481 Datasheet HTML 6Page - OKI electronic componets MSM64481 Datasheet HTML 7Page - OKI electronic componets MSM64481 Datasheet HTML 8Page - OKI electronic componets MSM64481 Datasheet HTML 9Page - OKI electronic componets MSM64481 Datasheet HTML 10Page - OKI electronic componets MSM64481 Datasheet HTML 11Page - OKI electronic componets MSM64481 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10/12
¡ Semiconductor
MSM64481
AC Characteristics
Parameter
(VDD1=3 to 5.5 V, Ta=–40 to +85°C unless otherwise specified)
Min.
Unit
Symbol
Condition
OSC Clock Pulse Width
500
ns
tOSCW
—
Max.
—
OSC Clock Cycle
1µs
tOSC
—
—
Input Data Setup Time
200
ns
tSU
VDD1=4.5 to 5.5 V
—
Input Data Hold Time
300
ns
tHL
VDD1=4.5 to 5.5 V
—
Output Data Delay Time
—ns
tD
VDD1=4.5 to 5.5 V, Cl=30 pF
400
P0.1 External Interrupt Pulse Width
ns
tWP01
—
—
Reset Pulse Width
6 tOSC
ns
tWRES
—
—
15 tOSC
OSC
tOSC
tOSCW
tOSCW
P0, P1
P0.1
RESET
tSU
tHL
tD
tWP01
tWRES
P0, P1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com