| Electronic Components Datasheet Search |
|
INA186 Datasheet(PDF) 32 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA186 Datasheet(HTML) 32 Page - Texas Instruments |
|
32 / 46 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 12-Aug-2021 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples INA186A1IDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E7 INA186A1IDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E7 INA186A1IDDFR ACTIVE SOT-23-THIN DDF 8 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZLW INA186A1IDDFT ACTIVE SOT-23-THIN DDF 8 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZLW INA186A1IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1IJ INA186A2IDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E8 INA186A2IDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E8 INA186A2IDDFR ACTIVE SOT-23-THIN DDF 8 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZMW INA186A2IDDFT ACTIVE SOT-23-THIN DDF 8 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZMW INA186A2IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1IK INA186A3IDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1E9 INA186A3IDDFR ACTIVE SOT-23-THIN DDF 8 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZNW INA186A3IDDFT ACTIVE SOT-23-THIN DDF 8 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZNW INA186A3IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1IL INA186A4IDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-2-260C-1 YEAR -40 to 125 1EA INA186A4IDDFR ACTIVE SOT-23-THIN DDF 8 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZOW INA186A4IDDFT ACTIVE SOT-23-THIN DDF 8 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 1ZOW INA186A4IYFDR ACTIVE DSBGA YFD 6 3000 RoHS & Green SNAGCU Level-1-260C-UNLIM -40 to 125 1IM |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |