Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA186 Datasheet HTML 16Page - Texas Instruments INA186 Datasheet HTML 17Page - Texas Instruments INA186 Datasheet HTML 18Page - Texas Instruments INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments INA186 Datasheet HTML 21Page - Texas Instruments INA186 Datasheet HTML 22Page - Texas Instruments INA186 Datasheet HTML 23Page - Texas Instruments INA186 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
8.1.3 Signal Conditioning
When performing accurate current measurements in noisy environments, the current-sensing signal is often
filtered. The INA186 features low input bias currents. Therefore, adding a differential mode filter to the input
without sacrificing the current-sense accuracy is possible. Filtering at the input is advantageous because this
action attenuates differential noise before the signal is amplified. Figure 8-2 provides an example of how to use a
filter on the input pins of the device.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RF
CF
RF
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively Coupled
Amplifier
3dB
F F
1
f
4 R C
S
RDIFF
INA186
REF
GND
CBYPASS
0.1 µF
Figure 8-2. Filter at the Input Pins
Figure 8-2 shows the differential input impedance (RDIFF) limits the maximum value for RF. Figure 8-3 shows the
value of RDIFF is a function of the device temperature.
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
1
2
3
4
5
6
D115
A1
A2, A3, A4, A5
Figure 8-3. Differential Input Impedance vs. Temperature
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com