Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA186 Datasheet HTML 25Page - Texas Instruments INA186 Datasheet HTML 26Page - Texas Instruments INA186 Datasheet HTML 27Page - Texas Instruments INA186 Datasheet HTML 28Page - Texas Instruments INA186 Datasheet HTML 29Page - Texas Instruments INA186 Datasheet HTML 30Page - Texas Instruments INA186 Datasheet HTML 31Page - Texas Instruments INA186 Datasheet HTML 32Page - Texas Instruments INA186 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.4 MAX
0.175
0.125
0.4
TYP
0.8 TYP
6X
0.285
0.185
0.4
TYP
B
1.20
1.14
A
0.80
0.73
DSBGA - 0.4 mm max height
YFD0006-C02
DIE SIZE BALL GRID ARRAY
4224626/B 02/2019
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
SEATING PLANE
BALL TYP
A
1
2
0.015
C A B
SYMM
SYMM
B
3
SCALE 14.000
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com