Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA186 Datasheet(HTML) 16 Page - Texas Instruments

Back Button INA186 Datasheet HTML 12Page - Texas Instruments INA186 Datasheet HTML 13Page - Texas Instruments INA186 Datasheet HTML 14Page - Texas Instruments INA186 Datasheet HTML 15Page - Texas Instruments INA186 Datasheet HTML 16Page - Texas Instruments INA186 Datasheet HTML 17Page - Texas Instruments INA186 Datasheet HTML 18Page - Texas Instruments INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
7.4.3 Bidirectional Mode
The INA186 is a bidirectional current-sense amplifier capable of measuring currents through a resistive shunt
in two directions. This bidirectional monitoring is common in applications that include charging and discharging
operations where the current flowing through the resistor can change directions.
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186
REF
GND
ISENSE
+
±
Reference
Voltage
CBYPASS
0.1 µF
Figure 7-4. Bidirectional Application
By applying a voltage to the REF pin, Figure 7-4 shows how you can measure this current flowing in both
directions. The voltage applied to REF (VREF) sets the output state that corresponds to the zero-input level state.
The output then responds by increasing above VREF for positive differential signals (relative to the IN– pin) and
responds by decreasing below VREF for negative differential signals. This reference voltage applied to the REF
pin can be set anywhere between 0 V to VS. For bidirectional applications, VREF is typically set at VS/2 for equal
signal range in both current directions. In some cases, VREF is set at a voltage other than VS/2; for example,
when the bidirectional current and corresponding output signal do not need to be symmetrical.
7.4.4 Input Differential Overload
If the differential input voltage (VIN+ – VIN–) times gain exceeds the voltage swing specification, the INA186
drives its output as close as possible to the positive supply or ground, and does not provide accurate
measurement of the differential input voltage. If this input overload occurs during normal circuit operation, then
reduce the value of the shunt resistor or use a lower-gain version with the chosen sense resistor to avoid this
mode of operation. If a differential overload occurs in a time-limited fault event, then the output of the INA186
returns to the expected value approximately 80 µs after the fault condition is removed.
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com