Electronic Components Datasheet Search
  English  ▼

X  

MPC8560EC Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MPC8560EC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560EC Datasheet(HTML) 2 Page - NXP Semiconductors

  MPC8560EC Datasheet HTML 1Page - NXP Semiconductors MPC8560EC Datasheet HTML 2Page - NXP Semiconductors MPC8560EC Datasheet HTML 3Page - NXP Semiconductors MPC8560EC Datasheet HTML 4Page - NXP Semiconductors MPC8560EC Datasheet HTML 5Page - NXP Semiconductors MPC8560EC Datasheet HTML 6Page - NXP Semiconductors MPC8560EC Datasheet HTML 7Page - NXP Semiconductors MPC8560EC Datasheet HTML 8Page - NXP Semiconductors MPC8560EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
2
Freescale Semiconductor
Overview
1 Overview
The following section provides a high-level overview of the MPC8560 features. Figure 1 shows the major
functional units within the MPC8560.
Figure 1. MPC8560 Block Diagram
1.1 Key Features
The following lists an overview of the MPC8560 feature set.
•
High-performance, 32-bit Book E–enhanced core that implements the Power Architecture
— 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can
be locked entirely or on a per-line basis. Separate locking for instructions and data
— Memory management unit (MMU) especially designed for embedded applications
— Enhanced hardware and software debug support
— Performance monitor facility (similar to but different from the MPC8560 performance monitor
described in Chapter 18, “Performance Monitor.”
•
High-performance RISC CPM operating at up to 333 MHz
— CPM software compatibility with previous PowerQUICC families
— One instruction per clock
I2C Controller
Local Bus Controller
RapidIO Controller
PCI Controller
DMA Controller
10/100/1000 MAC
10/100/1000 MAC
MII, GMII, TBI,
RTBI, RGMIIs
Serial
DMA
ROM
I-Memory
DPRAM
RISC
Engine
Parallel I/O
Baud Rate
Generators
Timers
MCC
MCC
FCC
FCC
FCC
SCC
SCC
SCC
SCC
SPI
I2C
UTOPIAs
MIIs,
TDMs
I/Os
CPM
DDR SDRAM Controller
CPM
Controller
Interrupt
256KB
L2-Cache/
SRAM
e500 Core
32 KB L1
I Cache
32 KB L1
D Cache
Core Complex Bus
e500
Coherency
Module
OCeaN
16 Gb/s
RapidIO-8
133 MHz
PCI 64b
IRQs
SDRAM
DDR
GPIO
32b
Programmable
Interrupt Controller
MPHY
RMIIs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com