Electronic Components Datasheet Search
  English  ▼

X  

MPC8560EC Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC8560EC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560EC Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC8560EC Datasheet HTML 1Page - NXP Semiconductors MPC8560EC Datasheet HTML 2Page - NXP Semiconductors MPC8560EC Datasheet HTML 3Page - NXP Semiconductors MPC8560EC Datasheet HTML 4Page - NXP Semiconductors MPC8560EC Datasheet HTML 5Page - NXP Semiconductors MPC8560EC Datasheet HTML 6Page - NXP Semiconductors MPC8560EC Datasheet HTML 7Page - NXP Semiconductors MPC8560EC Datasheet HTML 8Page - NXP Semiconductors MPC8560EC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
Freescale Semiconductor
5
Overview
— Contiguous or discontiguous memory mapping
— Read-modify-write support for RapidIO atomic increment, decrement, set, and clear
transactions
— Sleep mode support for self refresh SDRAM
— Supports auto refreshing
— On-the-fly power management using CKE signal
— Registered DIMM support
— Fast memory access via JTAG port
— 2.5-V SSTL2 compatible I/O
•
RapidIO interface unit
— 8-bit RapidIO I/O and messaging protocols
— Source-synchronous double data rate (DDR) interfaces
— Supports small type systems (small domain, 8-bit device ID)
— Supports four priority levels (ordering within a level)
— Reordering across priority levels
— Maximum data payload of 256 bytes per packet
— Packet pacing support at the physical layer
— CRC protection for packets
— Supports atomic operations increment, decrement, set, and clear
— LVDS signaling
•
RapidIO–compliant message unit
— One inbound data message structure (inbox)
— One outbound data message structure (outbox)
— Supports chaining and direct modes in the outbox
— Support of up to 16 packets per message
— Support of up to 256 bytes per packet and up to 4 Kbytes of data per message
— Supports one inbound doorbell message structure
•
Programmable interrupt controller (PIC)
— Programming model is compliant with the OpenPIC architecture
— Supports 16 programmable interrupt and processor task priority levels
— Supports 12 discrete external interrupts
— Supports 4 message interrupts with 32-bit messages
— Supports connection of an external interrupt controller such as the 8259 programmable
interrupt controller
— Four global high resolution timers/counters that can generate interrupts
— Supports 22 other internal interrupt sources
— Supports fully nested interrupt delivery
— Interrupts can be routed to external pin for external processing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com