Electronic Components Datasheet Search
  English  ▼

X  

MPC8560EC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC8560EC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560EC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC8560EC Datasheet HTML 4Page - NXP Semiconductors MPC8560EC Datasheet HTML 5Page - NXP Semiconductors MPC8560EC Datasheet HTML 6Page - NXP Semiconductors MPC8560EC Datasheet HTML 7Page - NXP Semiconductors MPC8560EC Datasheet HTML 8Page - NXP Semiconductors MPC8560EC Datasheet HTML 9Page - NXP Semiconductors MPC8560EC Datasheet HTML 10Page - NXP Semiconductors MPC8560EC Datasheet HTML 11Page - NXP Semiconductors MPC8560EC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
8
Freescale Semiconductor
Electrical Characteristics
•
System performance monitor
— Supports eight 32-bit counters that count the occurrence of selected events
— Ability to count up to 512 counter-specific events
— Supports 64 reference events that can be counted on any of the 8 counters
— Supports duration and quantity threshold counting
— Burstiness feature that permits counting of burst events with a programmable time between
bursts
— Triggering and chaining capability
— Ability to generate an interrupt on overflow
•
System access port
— Uses JTAG interface and a TAP controller to access entire system memory map
— Supports 32-bit accesses to configuration registers
— Supports cache-line burst accesses to main memory
— Supports large block (4-Kbyte) uploads and downloads
— Supports continuous bit streaming of entire block for fast upload and download
•
IEEE Std 1149.1™-compliant, JTAG boundary scan
•
783 FC-PBGA package
2 Electrical Characteristics
This section provides the electrical specifications and thermal characteristics for the MPC8560. The
MPC8560 is currently targeted to these specifications. Some of these specifications are independent of the
I/O cell, but are included for a more complete reference. These are not purely I/O buffer design
specifications.
2.1 Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1 Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings 1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
For devices rated at 667 and 833 MHz
For devices rated at 1 GHz
VDD
–0.3 to 1.32
–0.3 to 1.43
V—
PLL supply voltage
For devices rated at 667 and 833 MHz
For devices rated at 1 GHz
AVDD
–0.3 to 1.32
–0.3 to 1.43
V—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com