Electronic Components Datasheet Search
  English  ▼

X  

MPC8560EC Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPC8560EC
Description  Integrated Processor Hardware Specifications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8560EC Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPC8560EC Datasheet HTML 10Page - NXP Semiconductors MPC8560EC Datasheet HTML 11Page - NXP Semiconductors MPC8560EC Datasheet HTML 12Page - NXP Semiconductors MPC8560EC Datasheet HTML 13Page - NXP Semiconductors MPC8560EC Datasheet HTML 14Page - NXP Semiconductors MPC8560EC Datasheet HTML 15Page - NXP Semiconductors MPC8560EC Datasheet HTML 16Page - NXP Semiconductors MPC8560EC Datasheet HTML 17Page - NXP Semiconductors MPC8560EC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 4.2
14
Freescale Semiconductor
Power Characteristics
Table 6 provides estimated I/O power numbers for each block: DDR, PCI, Local Bus, RapidIO, TSEC, and
CPM.
Table 6. Estimated Typical I/O Power Consumption
Interface
Parameter
GVDD (2.5 V) OVDD (3.3 V) LVDD (3.3 V) LVDD (2.5 V)
Units
Notes
DDR I/O
CCB = 200 MHz
0.46
—
—
—
W
1
CCB = 266 MHz
0.59
—
—
—
CCB = 300 MHz
0.66
—
—
—
CCB = 333 MHz
0.73
—
—
—
PCI/PCI-X I/O
32-bit, 33 MHz
—
0.04
—
—
W
2
32-bit 66 MHz
—
0.07
—
—
64-bit, 66 MHz
—
0.14
—
—
64-bit, 133 MHz
—
0.25
—
—
Local Bus I/O
32-bit, 33 MHz
—
0.07
—
—
W
3
32-bit, 66 MHz
—
0.13
—
—
32-bit, 133 MHz
—
0.24
—
—
32-bit, 167 MHz
—
0.30
—
—
RapidIO I/O
500 MHz data rate
—
0.96
—
—
W
4
TSEC I/O
MII
—
—
10
—
mW
5, 6
GMII, TBI (2.5 V)
—
—
—
40
GMII, TBI (3.3 V)
—
—
70
—
RGMII, RTBI
—
—
—
40
CPM-FCC
MII
—
15
—
—
mW
7
RMII
—
13
—
—
HDLC 16 Mbps
—
9
—
—
UTOPIA-8 SPHY
—
60
—
—
UTOPIA-8 MPHY
—
100
—
—
UTOPIA-16 SPHY
—
94
—
—
UTOPIA-16 MPHY
—
135
—
—
CPM-SCC
HDLC 16 Mbps
—
4
—
—
mW
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com