| Electronic Components Datasheet Search |
|
ML2500B Datasheet(PDF) 21 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML2500B Datasheet(HTML) 21 Page - OKI electronic componets |
|
21 / 27 page ![]() FEDL2500BFULL-02 OKI Semiconductor ML2500BTA 21/27 Example for setting address The below table shows the example for Start Address and Stop Address when the memory which is divided into 8 phrases is recorded and played. Address Control 1. Address Control for Recording The LSI is designed to make recording in sectors, as the minimum recording unit. When a user sets up the Starting Address for recording by using the STADR command, the page address, lower 4-bit of 13-bit user-defined Starting Address, is automatically set to “0H” internally. Thus recording always begins at the starting address of each sectors. Meanwhile, when you define the Stop Address for recording by using the SPADR command, full 13-bit address definition is valid. This enables you to specify the Stop Address for recording in pages. However, within the LSI recording continues as far as to the last address of the following sector. If the RDADR command is used to read the address value of the Memory Address Counter after completion of recording, output value represents the Memory Address Counter’s value either at the time when the Stop Address defined by the SPADR command has been reached, or when the LSI receives the STOP command that causes the LSI to stop recording. 2. Address Control for Playback The LSI is designed to make playback in pages, as the minimum playback unit, so full 13-bit address definition is valid both with the STADR command and the SPADR command. You can, therefore, specify the start and stop location by unit of page. Start Address Stop Address Block Sector Page Specified Address Block Sector Page Specified Address A12,A11 A10 A4 A3 A0 A12 A0 A12,A11 A10 A4 A3 A0 A12 A0 Phrase No. [0H 3H] [00H 4FH] [0H FH] [0H 3H] [00H 4FH] [0H FH] CH1 0 00 0 0000 0 27 F 027F CH2 0 28 0 0280 0 4F F 04FF CH3 1 00 0 0800 1 27 F 0A7F CH4 1 28 0 0A80 1 4F F 0CFF CH5 2 00 0 1000 2 27 F 127F CH6 2 28 0 1280 2 4F F 14FF CH7 3 00 0 1800 3 27 F 1A7F CH8 3 28 0 1A80 3 4F F 1CFF |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |