Electronic Components Datasheet Search
  English  ▼

X  

ML2500B Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML2500B
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500B Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML2500B Datasheet HTML 4Page - OKI electronic componets ML2500B Datasheet HTML 5Page - OKI electronic componets ML2500B Datasheet HTML 6Page - OKI electronic componets ML2500B Datasheet HTML 7Page - OKI electronic componets ML2500B Datasheet HTML 8Page - OKI electronic componets ML2500B Datasheet HTML 9Page - OKI electronic componets ML2500B Datasheet HTML 10Page - OKI electronic componets ML2500B Datasheet HTML 11Page - OKI electronic componets ML2500B Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
FEDL2500BFULL-02
OKI Semiconductor
ML2500BTA
8/27
AC Characteristics 2
DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = –40 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
CS↓ – SCK↑ Setup Time
tCSS
—
100
—
—
ns
SCK
↓ – CS↑ Hold Time
tCSH
—
100
—
—
ns
SCK “H” Level Pulse Width
tWH
—
100
—
—
ns
SCK “L” Level Pulse Width
tWL
—
100
—
—
ns
Dl Setup Time
tDIS
—
20
—
—
ns
Dl Hold Time
tDIH
—
30
—
—
ns
DO Output Delay Time
tDOD
—
—
—
200
ns
DO Output Enable Shift Time
tDOE
—
—
—
150
ns
DO Output Hi-Z Shift Time
tDOZ
—
—
—
150
ns
Command Interval Time
tCS
—
5
—
—
µs
TIMING DIAGRAM
Serial Peripheral Interface (SPI) AC Characteristics Timing Chart
tCSH
tCS
tCSS
tWH
tWL
tDIH
tDIS
tDOD
Hi-Z
tDOE
Hi-Z
tDOZ
CS(I)
SCK(I)
DI(I)
DO(O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com