Electronic Components Datasheet Search
  English  ▼

X  

ML2500B Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML2500B
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500B Datasheet(HTML) 5 Page - OKI electronic componets

  ML2500B Datasheet HTML 1Page - OKI electronic componets ML2500B Datasheet HTML 2Page - OKI electronic componets ML2500B Datasheet HTML 3Page - OKI electronic componets ML2500B Datasheet HTML 4Page - OKI electronic componets ML2500B Datasheet HTML 5Page - OKI electronic componets ML2500B Datasheet HTML 6Page - OKI electronic componets ML2500B Datasheet HTML 7Page - OKI electronic componets ML2500B Datasheet HTML 8Page - OKI electronic componets ML2500B Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
FEDL2500BFULL-02
OKI Semiconductor
ML2500BTA
5/27
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply Voltage
VDD
–0.3 to +5.0
V
Input Voltage
VIN
Ta = 25°C
–0.3 to VDD+0.3
V
Storage Temperature
TSTG
—
–55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Power Supply Voltage
VDD
DGND = AGND = 0 V
2.7 to 3.3
V
Operating Temperature
Top
—
–40 to +70
°C
Min.
Typ.
Max.
External Clock Frequency 1 *1
fEXTCLK1
—
3.85
4.096
4.34
MHz
External Clock Frequency 2 *1
fEXTCLK2
—
7.70
8.192
8.68
MHz
*1: Applicable only with external clock
ELECTRICAL CHARACTERISTICS
DC Characteristics
DVDD = AVDD = 2.7 to 3.3 V, DGND = AGND = 0 V, Ta = –40 to +70°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” Input Voltage
*1
VIH
DGND = AGND = 0 V
0.8
×
VDD
—
—
V
“L” Input Voltage
*1
VIL
—
—
—
0.2
× VDD
V
“H” Output Voltage
*2
VOH
lOH = –40 µA
VDD–0.3
—
—
V
“L” Output Voltage
*2
VOL
lOL = 2 mA
—
—
0.45
V
“H” Input Current
*1
IIH
VIH = VDD
—
—
10
µA
“L” Input Current
*1
IIL
VIL = 0 V
–10
—
—
µA
Operating Current Consumption 1
IDD1
In Recording Operation
—
30
45
mA
Operating Current Consumption 2
IDD2
In Playback Operation
—
20
30
mA
Operating Current Consumption 3
IDD3
In Command-Wait State
—
5
10
mA
Powerdown Current Consumption
IDDS
—
—
—
10
µA
*1: Applied to logic input pins (DI, SCK, CS, RESET and EXTCLK) except ROSC and TEST1 pins.
*2: Applied to logic output pins (DO and MON) except TEST2 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com