Electronic Components Datasheet Search
  English  ▼

X  

ML2500B Datasheet(PDF) 12 Page - OKI electronic componets

Part # ML2500B
Description  Analog-Storage Single-chip Record/Playback LSI with 1M Bit-Cell Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML2500B Datasheet(HTML) 12 Page - OKI electronic componets

Back Button ML2500B Datasheet HTML 8Page - OKI electronic componets ML2500B Datasheet HTML 9Page - OKI electronic componets ML2500B Datasheet HTML 10Page - OKI electronic componets ML2500B Datasheet HTML 11Page - OKI electronic componets ML2500B Datasheet HTML 12Page - OKI electronic componets ML2500B Datasheet HTML 13Page - OKI electronic componets ML2500B Datasheet HTML 14Page - OKI electronic componets ML2500B Datasheet HTML 15Page - OKI electronic componets ML2500B Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
FEDL2500BFULL-02
OKI Semiconductor
ML2500BTA
12/27
3. Timing for Pausing Operation by the PAUSE Command
The following charts show timings for pausing recording operation by using the PAUSE command at 6.4 kHz
sampling frequency.
(NOTE)
If the STOP command is input while recording is suspended by the PAUSE command, the LSI resumes
recording and keeps on recording until the last address of the current page is reached. This “lag” recording time is
about 62.5 ms (Typ.).
Afterwards, dummy recording is taken place up to the end of the following sector (max. 2 sectors). This dummy
recording takes about 200 ms (Typ.).
The dummy recording is given in the device specification and the recording contents are undefined.
Status
Pausing
Recording
Recording
PAUSE command input
CS(I)
MON(O)
PAUSE command input
tSPCP1
tPSCP
RPM
Bit(O)
VPM
Bit(O)
PAUSE command input
CS(I)
STOP command input
tPSCP
tSPCP2
tSPCM
tSPCR
Status
Pausing
Command Wait
Recording
62.5 ms (Typ.)
200 ms (Typ.)
Dummy Recording
Recording
MON(O)
RPM
Bit(O)
VPM
Bit(O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com