| Electronic Components Datasheet Search |
|
ML9261AMB Datasheet(PDF) 4 Page - OKI electronic componets |
|
|
|||||||||||||||||||||||||||||
ML9261AMB Datasheet(HTML) 4 Page - OKI electronic componets |
|
4 / 16 page ![]() FEDL9261A-01 OKI Semiconductor ML9261A 4/16 PIN DESCRIPTION Symbol Type Description CLK l Shift register clock input pin. Shift register reads data from DIN while the CLK pin is low and the data in the shift register is shifted from one stage to the next stage at the rising edge of the clock. DIN I Serial data input pin of the shift register. Display data (positive logic) is input in the DIN pin in synchronization with clock. DOUT O Serial data output pin of the shift register. Data is output from the DOUT pin in synchronization with the CLK signal. LS I Latch strobe input pin. The contents of the parallel outputs (PO1 to PO60) of the shift register are read at the rising edge of LS (edge-triggered). When the CLK rises while LS is high, the parallel outputs (PO1 to PO60) and latch outputs (O1 to O60) go low. CL I Clear input pin with a built-in pull-down resistor. The CL pin is normally set high. If the CL pin is high and the CHG pin is low, the driver outputs (HVO1 to HVO60) are in phase with the corresponding register outputs (O1 to O60). If the CL pin is high and the CHG pin is high, the driver outputs (HVO1 to HVO60) are high irrespective of the states of the register outputs. If the CL pin is set low, the driver outputs are driven low irrespective of the states of the CHG pin and register outputs. This allows display blanking to be set. CHG I Input for testing (with a pull-down resistor). The CL pin is normally set low. If the CHG pin is low and the CL pin is high, the driver outputs (HVO1 to HVO60) are in phase with the corresponding register outputs (O1 to O60). If the CHG pin is low and the CL pin is low, the driver outputs (HVO1 to HVO60) are low irrespective of the states of the register outputs. If the CHG pin is set high, the driver outputs are driven high irrespective of the states of the register outputs. This provides the easy testing of all lights after final assembly. VHO1-60 O High voltage driver outputs for driving a VFD tube. If the CL pin is high and the CHG pin is low, the driver outputs are in phase with the corresponding register outputs (O1 to O60). The direct connection to the grid or anode of a VFD tube eliminates pull-down resistors. VDISP Power supply pin for VFD tube driver circuits VDD Power supply pin for logic D-GND GND pin for VFD tube driver circuits. Since the D-GND pin is not connected internally to the L-GND pin, connect these pins outside of the IC. L-GND GND pin for the logic circuits. Since the L-GND pin is not connected internally to the D-GND pin, connect thiese pins outside of the IC. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |