Electronic Components Datasheet Search
  English  ▼

X  

ML9261AMB Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9261AMB
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261AMB Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9261AMB Datasheet HTML 2Page - OKI electronic componets ML9261AMB Datasheet HTML 3Page - OKI electronic componets ML9261AMB Datasheet HTML 4Page - OKI electronic componets ML9261AMB Datasheet HTML 5Page - OKI electronic componets ML9261AMB Datasheet HTML 6Page - OKI electronic componets ML9261AMB Datasheet HTML 7Page - OKI electronic componets ML9261AMB Datasheet HTML 8Page - OKI electronic componets ML9261AMB Datasheet HTML 9Page - OKI electronic componets ML9261AMB Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
6/16
RECOMMENDED OPERATING CONDITIONS-1
Unit Power Supply: 5.0 V (Typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply (1)
VDD
—
4.5
5.0
5.5
V
Power Supply (2)
VDISP
—
20
—
60
V
“H” Input Voltage
VIH
Applicable to all inputs
0.7 VDD
—
—
V
“L” Input Voltage
VIL
Applicable to all inputs
—
—
0.3 VDD
V
lOHVH1
Only 1 output is ON.
—
—
–40
mA
Driver Output Current
lOHVH2
All outputs are ON.
—
—
–120
mA
CLK Frequency
fCLK
—
—
—
4.0
MHz
Operating Temperature
TOP
—
–40
—
+85
°C
RECOMMENDED OPERATING CONDITIONS-2
Unit Power Supply: 3.3 V (Typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power Supply (1)
VDD
—
3.0
3.3
3.6
V
Power Supply (2)
VDISP
—
20
—
60
V
“H” Input Voltage
VIH
Applicable to all inputs
0.8 VDD
—
—
V
“L” Input Voltage
VIL
Applicable to all inputs
—
—
0.2 VDD
V
lOHVH1
Only 1 output is ON.
—
—
–40
mA
Driver Output Current
lOHVH2
All outputs are ON.
—
—
–120
mA
CLK Frequency
fCLK
—
—
—
4.0
MHz
Operating Temperature
TOP
—
–40
—
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com