Electronic Components Datasheet Search
  English  ▼

X  

ML9261AMB Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9261AMB
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261AMB Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9261AMB Datasheet HTML 7Page - OKI electronic componets ML9261AMB Datasheet HTML 8Page - OKI electronic componets ML9261AMB Datasheet HTML 9Page - OKI electronic componets ML9261AMB Datasheet HTML 10Page - OKI electronic componets ML9261AMB Datasheet HTML 11Page - OKI electronic componets ML9261AMB Datasheet HTML 12Page - OKI electronic componets ML9261AMB Datasheet HTML 13Page - OKI electronic componets ML9261AMB Datasheet HTML 14Page - OKI electronic componets ML9261AMB Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
11/16
FUNCTIONAL DESCRIPTION
Display Data Reset
When the power is turned on, the shift register outputs (PO1 to PO60) and register outputs (O1 to O60) are
indeterminate. Consequently the display of a VFD tube may flicker because unnecessary driver outputs go high.
To prevent such flicker, it is required to perform the following operations.
1. Turn on the logic power supply while the
CL input is kept low.
2. Set the LS input high.
3. Switch the CLK input from a low level to a high level at least once.
By performing the above operations, all of the shift register outputs (PO1 to PO60) and register outputs (O1 to
O60) are set low.
4. Enter display data.
5. Set the
CL input high.
Data Transfer
Write display data by using a serial transfer.
Serial data is input in the shift register at the rising edge of a CLK input pulse.
When the LS input rises, display data is written in the latch.
Driver Output Control
1. To turn on or off driver outputs by using display data transferred into the shift register, set the
CL input high
and set the CHG input low.
2. To set all the driver outputs low, set the
CL input low.
3. To set all the driver outputs high, set the
CL input and CHG input high at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com