Electronic Components Datasheet Search
  English  ▼

X  

ML9261AMB Datasheet(PDF) 14 Page - OKI electronic componets

Part # ML9261AMB
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261AMB Datasheet(HTML) 14 Page - OKI electronic componets

Back Button ML9261AMB Datasheet HTML 8Page - OKI electronic componets ML9261AMB Datasheet HTML 9Page - OKI electronic componets ML9261AMB Datasheet HTML 10Page - OKI electronic componets ML9261AMB Datasheet HTML 11Page - OKI electronic componets ML9261AMB Datasheet HTML 12Page - OKI electronic componets ML9261AMB Datasheet HTML 13Page - OKI electronic componets ML9261AMB Datasheet HTML 14Page - OKI electronic componets ML9261AMB Datasheet HTML 15Page - OKI electronic componets ML9261AMB Datasheet HTML 16Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
FEDL9261A-01
OKI Semiconductor
ML9261A
14/16
PACKAGE DIMENSIONS
SSOP70-P-500-0.80-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
2.15 TYP.
5
Rev. No./Last Revised
3/Dec. 5, 1996
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com