Electronic Components Datasheet Search
  English  ▼

X  

ADP2387 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2387
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2387 Datasheet HTML 7Page - Analog Devices ADP2387 Datasheet HTML 8Page - Analog Devices ADP2387 Datasheet HTML 9Page - Analog Devices ADP2387 Datasheet HTML 10Page - Analog Devices ADP2387 Datasheet HTML 11Page - Analog Devices ADP2387 Datasheet HTML 12Page - Analog Devices ADP2387 Datasheet HTML 13Page - Analog Devices ADP2387 Datasheet HTML 14Page - Analog Devices ADP2387 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Data Sheet
ADP2387
Rev. C | Page 11 of 25
VOUT (AC)
IOUT
Figure 23. Load Transient Response, 1 A to 5 A
VOUT
SW
IL
Figure 24. Output Short Entry
AMBIENT TEMPERATURE (°C)
0
1
2
3
4
5
6
7
70
100
95
90
85
80
75
VOUT = 1.2V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 25. Output Current vs. Ambient Temperature at VIN = 12 V,
fSW = 600 kHz, Measured on the ADP2387 Evaluation Board
VOUT (AC)
VIN
SW
Figure 26. Line Transient Response, VIN from 8 V to 14 V, IOUT = 6 A
VOUT
SW
IL
Figure 27. Output Short Recovery
AMBIENT TEMPERATURE (°C)
0
1
2
3
4
5
6
7
70
100
95
90
85
80
75
VOUT = 1.2V
VOUT = 1.0V
VOUT = 1.8V
VOUT = 2.5V
VOUT = 3.3V
VOUT = 5.0V
Figure 28. Output Current vs. Ambient Temperature at VIN = 12 V,
fSW = 300 kHz, Measured on the ADP2387 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com