Electronic Components Datasheet Search
  English  ▼

X  

ADP2387 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP2387
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP2387 Datasheet HTML 16Page - Analog Devices ADP2387 Datasheet HTML 17Page - Analog Devices ADP2387 Datasheet HTML 18Page - Analog Devices ADP2387 Datasheet HTML 19Page - Analog Devices ADP2387 Datasheet HTML 20Page - Analog Devices ADP2387 Datasheet HTML 21Page - Analog Devices ADP2387 Datasheet HTML 22Page - Analog Devices ADP2387 Datasheet HTML 23Page - Analog Devices ADP2387 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 20 of 25
Based on the requirements previously described, select a 2.2 µH
inductor, such as the FDVE1040-2R2M from Toko, which has
a 6.1 mΩ DCR and an 11.4 A saturation current.
OUTPUT CAPACITOR SELECTION
The output capacitor is required to meet both the output voltage
ripple and load transient response requirements.
To meet the output voltage ripple requirement, use the following
equation to calculate the ESR and capacitance value of the
output capacitor:
COUT_RIPPLE =
RIPPLE
OUT
SW
L
V
f
I
_
8
∆
×
×
∆
RESR =
L
RIPPLE
OUT
I
V
∆
∆
_
This calculation results in COUT_RIPPLE = 11.4 µF, and RESR = 18 mΩ.
To meet the ±5% overshoot and undershoot transient
requirements, use the following equations to calculate the
capacitance:
COUT_OV =
2
2
_
2
)
(
OUT
OV
OUT
OUT
STEP
OV
V
V
V
L
I
K
−
∆
+
×
∆
×
COUT_UV =
UV
OUT
OUT
IN
STEP
UV
V
V
V
L
I
K
_
2
)
(
2
∆
×
−
×
×
∆
×
where:
KOV = KUV = 2 are the coefficients for estimation purposes.
∆ISTEP = 4 A is the load transient step.
∆VOUT_OV = 5% VOUT is the overshoot voltage.
∆VOUT_UV = 5% VOUT is the undershoot voltage.
This calculation results in COUT_OV = 63.1 µF, and COUT_UV = 24.5 µF.
According to the calculation, the output capacitance must be
greater than 63 µF, and the ESR of the output capacitor must be
smaller than 18 mΩ. It is recommended that one 100 µF/X5R/
6.3 V ceramic capacitor and one 47 µF/X5R/6.3 V ceramic
capacitor be used, such as the GRM32ER60J107ME20 and
GRM32ER60J476ME20 from Murata, with an ESR of 2 mΩ.
COMPENSATION COMPONENTS
For better load transient and stability performance, set the cross
frequency (fC) to fSW/10. In this case, fSW is running at 600 kHz;
therefore, fC is set to 60 kHz.
The 100 µF and 47 µF ceramic output capacitors have a derated
value of 62 µF and 32 µF, respectively.
RC =
A/V
8.7
μS
480
V
0.6
kHz
60
μF
94
V
3.3
π
2
×
×
×
×
×
×
= 46.7 kΩ
CC =
Ω
×
+
k
46.7
μF
94
)
Ω
0.002
Ω
(0.55
= 1111 pF
CCP =
Ω
×
k
46.7
μF
94
Ω
0.002
= 4.0 pF
Choose standard components, as follows: RC = 44.2 kΩ,
CC = 1200 pF, and CCP = 4.7 pF.
Figure 35 shows the bode plot at 6 A. The cross frequency is
58 kHz, and the phase margin is 62°.
1k
10k
100k
FREQUENCY (Hz)
1M
60
48
36
24
12
0
–12
–24
–36
–48
–60
180
144
108
72
36
0
–36
–72
–108
–144
–180
Figure 35. Bode Plot at 6 A
SOFT START TIME PROGRAM
The soft start feature allows the output voltage to ramp up in a
controlled manner, eliminating output voltage overshoot during
soft start and limiting the inrush current. Set the soft start time
to 4 ms.
CSS =
V
6
.
0
μA
1
.
3
ms
4
6
.
0
_
_
×
=
×
UP
SS
EXT
SS
I
t
= 20.7 nF
Choose a standard component value, as follows: CSS = 22 nF.
INPUT CAPACITOR SELECTION
Place a minimum 10 µF ceramic capacitor near the PVIN pin.
In this application, it is recommended that one 10 µF, X5R, 25 V
ceramic capacitor be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com