Electronic Components Datasheet Search
  English  ▼

X  

ADP2387 Datasheet(PDF) 24 Page - Analog Devices

Part # ADP2387
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADP2387 Datasheet HTML 17Page - Analog Devices ADP2387 Datasheet HTML 18Page - Analog Devices ADP2387 Datasheet HTML 19Page - Analog Devices ADP2387 Datasheet HTML 20Page - Analog Devices ADP2387 Datasheet HTML 21Page - Analog Devices ADP2387 Datasheet HTML 22Page - Analog Devices ADP2387 Datasheet HTML 23Page - Analog Devices ADP2387 Datasheet HTML 24Page - Analog Devices ADP2387 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 24 of 25
TYPICAL APPLICATIONS CIRCUITS
ADP2387
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
SS
SW
PGND
EN
PVIN
VIN = 12V
CSS
22nF
CIN
10µF
25V
COUT1
470µF
6.3V
COUT2
100µF
6.3V
RILIM
44.2kΩ
L1
1.0µH
CBST
0.1µF
VOUT = 1.2V
RTOP
10kΩ
1%
RBOT
10kΩ
1%
CCP
68pF
CC
1.5nF
RC
66.5kΩ
RT
124kΩ
CVREG
1µF
Figure 38. Typical Applications Circuit, VIN = 12 V, VOUT = 1.2 V, IOUT = 6 A, fSW = 500 kHz
ADP2387
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
SS
SW
PGND
EN
PVIN
VIN = 12V
CSS
22nF
CIN
10µF
25V
COUT
100µF
6.3V
RILIM
44.2kΩ
L1
3.3µH
CBST
0.1µF
VOUT = 5.0V
RTOP
22kΩ
1%
RBOT
3kΩ
1%
RTOP_EN
16.9kΩ
RBOT_EN
2kΩ
CCP
2.2pF
CC
1.2nF
RC
44.2kΩ
RT
100kΩ
CVREG
1µF
Figure 39. Programming Input Voltage UVLO Rising Threshold at 11 V, Falling Threshold at 10 V, VIN = 12 V, VOUT = 5 V, IOUT = 6 A, fSW = 600 kHz
ADP2387
BST
FB
COMP
PGOOD
GND
VREG
RT
ILIM
SS
SW
PGND
EN
PVIN
VIN = 12V
CSS
22nF
CIN
10µF
25V
COUT1
100µF
6.3V
COUT2
47µF
6.3V
RILIM
80.6kΩ
L1
4.7µH
CBST
0.1µF
VOUT = 3.3V
RTOP
10kΩ
1%
RBOT
2.21kΩ
1%
CCP
4.7pF
CC
2.2nF
RC
44.2kΩ
RT
100kΩ
CVREG
1µF
Figure 40. Programming Peak Current-Limit Threshold at 5 A, VIN = 12 V, VOUT = 3.3 V, IOUT = 3 A, fSW = 600 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com