Electronic Components Datasheet Search
  English  ▼

X  

ADP2387 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2387
Description  20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2387 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2387 Datasheet HTML 17Page - Analog Devices ADP2387 Datasheet HTML 18Page - Analog Devices ADP2387 Datasheet HTML 19Page - Analog Devices ADP2387 Datasheet HTML 20Page - Analog Devices ADP2387 Datasheet HTML 21Page - Analog Devices ADP2387 Datasheet HTML 22Page - Analog Devices ADP2387 Datasheet HTML 23Page - Analog Devices ADP2387 Datasheet HTML 24Page - Analog Devices ADP2387 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADP2387
Data Sheet
Rev. C | Page 22 of 25
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Good printed circuit board (PCB) layout is essential for obtaining
the best performance from the ADP2387. Poor PCB layout
can degrade the output regulation, as well as the EMI and
electromagnetic compatibility (EMC) performance. Figure 37
shows an example of a good PCB layout for the ADP2387. For
optimum layout, refer to the following guidelines:
•
Use separate analog ground planes and power ground
planes. Connect the ground reference of sensitive analog
circuitry, such as output voltage divider components, to
analog ground. In addition, connect the ground reference
of power components, such as input and output capacitors,
to power ground. Connect both ground planes to the
exposed GND pad of the ADP2387.
•
Place the input capacitor, inductor, and output capacitor as
close as possible to the IC, and use short traces. Ensure that
the high current loop traces are as short and as wide as
possible. Make the high current path from the input
capacitor through the inductor, the output capacitor, and
the power ground plane back to the input capacitor as
short as possible by ensuring that the input and output
capacitors share a common power ground plane.
In addition, ensure that the high current path from the
power ground plane through the inductor and output
capacitor back to the power ground plane is as short as
possible by tying the PGND pins of the ADP2387 to the
PGND plane as close as possible to the input and output
capacitors.
•
Connect the exposed GND pad of the ADP2387 to a large,
external copper ground plane to maximize its power
dissipation capability and to minimize junction temperature.
In addition, connect the exposed SW pad to the SW pins
of the ADP2387, using short, wide traces; or connect the
exposed SW pad to a large external copper plane of the
switching node for high current flow.
•
Place the feedback resistor divider network as close as
possible to the FB pin to prevent noise pickup. Minimize
the length of the trace that connects the top of the feedback
resistor divider to the output while keeping the trace away
from the high current traces and the switching node to
avoid noise pickup. To further reduce noise pickup, place
an analog ground plane on either side of the FB trace and
ensure that the trace is as short as possible to reduce the
parasitic capacitance pickup.
ADP2387
BST
FB
COMP
PGOOD
GND
RT
ILIM
VREG
SS
SW
PGND
EN
PVIN
VIN
CVREG
CIN
COUT
RT
RILIM
L
CBST
VOUT
RTOP
RBOT
CSS
CC
RC
Figure 36. High Current Path in the PCB Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com