Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP5071
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 6Page - Analog Devices ADP5071 Datasheet HTML 7Page - Analog Devices ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 10 of 23
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11 0.12
INVERTING REGULATOR LOAD (A)
Figure 21. Cross Regulation, Boost Regulator VFB1 Regulation over Inverting
Regulator Current Load, VIN = +5 V, VPOS = +15 V, VNEG = −15 V, fSW = 2.4 MHz,
TA = 25°C, Boost Regulator Run in Continuous Conduction Mode with Fixed
Load for Test
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.53.03.54.04.55.05.56.0
VIN (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 22. Boost Regulator Current Limit (ILIMIT1) vs. VIN over Temperature
1.13
1.15
1.17
1.19
1.21
1.23
1.25
1.27
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 23. Oscillator Frequency vs. VIN over Temperature, SYNC Pin = High
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0.11 0.12
BOOST REGULATOR LOAD (A)
Figure 24. Cross Regulation, Inverting Regulator VFB2 Regulation over Boost
Regulator Current Load, VIN = +5 V, VPOS = +15 V, VNEG = −15 V, fSW = 2.4 MHz,
TA = 25°C, Inverting Regulator Run in Continuous Conduction Mode with
Fixed Load for Test
1.20
1.24
1.28
1.32
1.36
1.40
1.44
2.53.03.54.04.55.05.56.0
VIN (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 25. Inverting Regulator Current Limit (ILIMIT2) vs. VIN over Temperature
2.24
2.29
2.34
2.39
2.44
2.49
2.54
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VIN (V)
TA = +125°C
TA = +25°C
TA = –40°C
Figure 26. Oscillator Frequency vs. VIN over Temperature, SYNC Pin = Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com