Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP5071
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices ADP5071 Datasheet HTML 18Page - Analog Devices ADP5071 Datasheet HTML 19Page - Analog Devices ADP5071 Datasheet HTML 20Page - Analog Devices ADP5071 Datasheet HTML 21Page - Analog Devices ADP5071 Datasheet HTML 22Page - Analog Devices ADP5071 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 22 of 23
LAYOUT CONSIDERATIONS
Layout is important for all switching regulators but is particularly
important for regulators with high switching frequencies. To
achieve high efficiency, good regulation, good stability, and low
noise, a well-designed PCB layout is required. Follow these
guidelines when designing PCBs:
Keep the input bypass capacitor (CIN) near to the PVIN pin
and the AVIN pin.
Keep the high current paths as short as possible. These
paths include the connections between CIN, L1, D1, COUT1
and the PGND pin for the boost regulator, and L2, D2,
COUT2, and the PGND pin for the inverting regulator and
their connections to the ADP5076.
Keep the AGND pin and the PGND pin separate on the
top layer of the board. This separation avoids pollution of
the AGND pin with switching noise. Connect both the
AGND and PGND pins to the board ground plane with
vias. Ideally, connect the PGND pin to the plane at a point
between the input and output capacitors.
Keep high current traces as short and wide as possible to
minimize parasitic series inductance, which causes spiking
and EMI.
Avoid routing high impedance traces near any node
connected to the SW1 and SW2 pins or near inductors L1
and L2 to prevent radiated switching noise injection.
Place the feedback resistors (RFT1, RFB1, RFT2, and RFB2) as close
as possible to the FB1 and FB2 pins to prevent high frequency
switching noise injection.
Place the tops of the upper feedback resistors (RFT1 and RFT2) or
route traces to them from as close as possible to the tops of
COUT1 and COUT2 for optimum output voltage sensing.
Place the compensation components (RC1, CC1, RC2, and
CC2) as close as possible to the COMP1 and COMP2 pins.
Do not share vias to the ground plane with the feedback
resistors to avoid coupling high frequency noise into the
sensitive COMP1 and COMP2 pins.
Place the CVREF capacitor as close to the VREF pin as
possible. Ensure that short traces are used between the
VREF pin and RFB2.
COUT1
COUT2
VNEG
VNEG
VPOS
RFT1
RFT2
RFB1
RFB2
RC1
RC2
CC2
CIN
CC1
CVREF
Figure 48. Suggested Layout for VIN = +3.3 V, VPOS = +15 V, ILOAD1 = 90 mA and
VNEG = −15 V, ILOAD2 = 60 mA, Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com