Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP5071
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices ADP5071 Datasheet HTML 17Page - Analog Devices ADP5071 Datasheet HTML 18Page - Analog Devices ADP5071 Datasheet HTML 19Page - Analog Devices ADP5071 Datasheet HTML 20Page - Analog Devices ADP5071 Datasheet HTML 21Page - Analog Devices ADP5071 Datasheet HTML 22Page - Analog Devices ADP5071 Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 20 of 23
ZCOMP2 is the impedance of the series RC network from the
COMP2 pin to the AGND pin.
GCS2 is the current sense transconductance gain (the inductor
current divided by the voltage at COMP2), which is internally
set by the ADP5076 and is 12.5 A/V.
ZOUT2 is the impedance of the load in parallel with the output
capacitor.
At crossover frequency (fC2), the ZCOMP2 is dominated by a
resistor (RC2), and the ZOUT2 is dominated by the impedance of the
output capacitor (COUT2). Therefore, when solving for the fC2, the
equation (by definition of the crossover frequency) is simplified to
(2 |
|)
1
21
2
FB2
IN
VL2
M2
NEG
IN
NEG
C2
CS
C2
OUT2
VV
AG
|V
| V
V
RG
π
fC




To solve for RC2, use the following equation:
2(2 |
|)
C2
OUT2
NEG
IN
NEG
C2
FB2
IN
M2
CS2
π
fC
|V
| (V
V
R
VV
G
G


where GCS2 = 12.5 A/V.
Using typical values for VFB2 and GM2 results in
2094
|
| (
(2 |
|)
C2
OUT2
NEG
IN
NEG
C2
IN
fC
V
V
V
R
V

See the Specifications section for the typical values for VFB2 and
GM2. The typical value for VFB2 can be obtained by subtracting
(VREF − VFB2) from VREF.
For better accuracy, it is recommended to use the COUT2 value
expected under the dc bias conditions that the COUT2 value
operates under in the calculation for RC2.
After the compensation resistor is known, set the zero formed
by the CC2 and RC2 to one-fourth of the crossover frequency, or
2
C2
C2
C2
C
π fR

where CC2 is the compensation capacitor.
ERROR
AMPLIFIER
REF2
gM2
FB2
COMP2
RC2
CC2
Figure 45. Compensation Component
COMMON APPLICATIONS
Table 10, Table 11, and Table 12 list a number of common
component selections for typical VIN and VOUT conditions.
These have been bench tested and provide an off the shelf solution.
When pairing a boost and inverting regulator bill of materials,
choose the same VIN and fSW.
ADP5076
SS
SW1
SW1
COMP1
RC1
102kΩ
CC1
1nF
COMP2
RC2
61.9kΩ
CC2
2.2nF
EN1
SYNC
SLEW
SEQ
EN2
AGND
PVIN
PVIN
AVIN
CIN
10µF
VIN
+5V
FB1
D1
PD3S140
L1
3.3µH
VIN
+5V
VIN
+5V
L2
6.8µF
RFB1
137kΩ
RFT1
2.43MΩ
VPOS
+15V
SW2
PGND
PGND
FB2
VREF
D2
PD3S140
RFB2
118kΩ
VNEG
–15V
CVREF
1µF
COUT1
10µF
COUT2
10µF
RFT2
2.32MΩ
Figure 46. Typical +5 V to ±15 V Application
Figure 46 shows the schematic referenced by Table 10, Table 11,
and Table 12 with example component values for +5 V to ±15 V
generation. Table 10 shows the components common to all of
the VIN and VOUT conditions.
Table 10. Recommended Common Components Selections
Reference
Value
Part Number
Manufacturer
Input
Capacitor
10 μF
GRM21BZ71C106KE15L
Murata
CVREF
1 μF
GRM188R71C105KA12C
Murata
Figure 47 shows the efficiency curves for the boost and inverting
regulator using the recommended small-sized components in
Table 10, Table 11, and Table 12 for VPOS = +15 V and VNEG =
−15 V at VIN = +5 V.
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
LOAD CURRENT (A)
VPOS = +15V, 2.4MHz
VPOS = +15V, 1.2MHz
VNEG = –15V, 1.2MHz
VNEG = –15V, 2.4MHz
Figure 47. Boost Regulator and Inverting Regulator Efficiency vs. Current
Load, TA = 25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com