Electronic Components Datasheet Search
  English  ▼

X  

ADP5071 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP5071
Description  2 A/1.2 A DC-to-DC Switching Regulator with Independent Positive and Negative Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 8Page - Analog Devices ADP5071 Datasheet HTML 9Page - Analog Devices ADP5071 Datasheet HTML 10Page - Analog Devices ADP5071 Datasheet HTML 11Page - Analog Devices ADP5071 Datasheet HTML 12Page - Analog Devices ADP5071 Datasheet HTML 13Page - Analog Devices ADP5071 Datasheet HTML 14Page - Analog Devices ADP5071 Datasheet HTML 15Page - Analog Devices ADP5071 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
ADP5076
Data Sheet
Rev. A | Page 12 of 23
CH1 500mV
M2.00µs A CH3
82.0mA
3
2
1
T
7.960000µs
CH2 10.0V
CH3 100mA
VPOS
SW1
IINDUCTOR
Figure 33. Boost Regulator Skip Mode Operation Showing Inductor Current
(IINDUCTOR), Switch Node Voltage, and Output Ripple, VIN = 5 V, VPOS = 15 V,
ILOAD1 = 4 mA, fSW = 2.4 MHz, TA = 25°C
CH1 500mV
M200ns
A CH3
100mA
3
2
1
T
7.960000µs
CH2 10.0V
CH3 200mA
VPOS
SW1
IINDUCTOR
Figure 34. Boost Regulator Discontinuous Conduction Mode Operation
Showing IINDUCTOR, Switch Node Voltage, and Output Ripple, VIN = 5 V,
VPOS = 15 V, ILOAD1 = 6 mA, fSW = 2.4 MHz, TA = 25°C
CH1 500mV
M200ns
A CH4
310mA
3
2
1
T
7.960000µs
CH2 10.0V
CH3 500mA
VPOS
SW1
IINDUCTOR
Figure 35. Boost Regulator Continuous Conduction Mode Operation
Showing IINDUCTOR, Switch Node Voltage, and Output Ripple, VIN = 5 V,
VPOS = 15 V, ILOAD1 = 90 mA, fSW = 2.4 MHz, TA = 25°C
T
12.00000µs
CH1 50.0mV
M4.00µs A CH3
35.0mA
3
1
2
CH2 5.00V
CH3 50.0mA
VNEG
SW2
IINDUCTOR
B
W
B
W
B
W
Figure 36. Inverting Regulator Skip Mode Operation Showing IINDUCTOR, Switch
Node Voltage, and Output Ripple, VIN = +5 V,
VNEG = −5 V, ILOAD2 = 0 mA, fSW = 2.4 MHz, TA = 25°C
CH1 500mV
M200ns
A CH3
42.0mA
3
2
1
T
24.46000µs
CH2 5.00V
CH3 50mA
VNEG
SW2
IINDUCTOR
Figure 37. Inverting Regulator Discontinuous Conduction Mode Operation
Showing IINDUCTOR, Switch Node Voltage, and Output Ripple, VIN = +5 V,
VNEG = −5 V, ILOAD2 = 6 mA, fSW = 2.4 MHz, TA = 25°C
CH1 50.0mV
M100ns
A CH3
84.0mA
3
2
1
T
24.46000µs
CH2 5.00V
CH3 50mA
VNEG
SW2
IINDUCTOR
B
W
B
W
B
W
Figure 38. Inverting Regulator Continuous Conduction Mode Operation
Showing IINDUCTOR, Switch Node Voltage, and Output Ripple, VIN = +5 V,
VNEG = −5 V, ILOAD2 = 35 mA, fSW = 2.4 MHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com