Electronic Components Datasheet Search
  English  ▼

X  

AS5600L Datasheet(PDF) 10 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 10 Page - ams AG

Back Button AS5600L Datasheet HTML 6Page - ams AG AS5600L Datasheet HTML 7Page - ams AG AS5600L Datasheet HTML 8Page - ams AG AS5600L Datasheet HTML 9Page - ams AG AS5600L Datasheet HTML 10Page - ams AG AS5600L Datasheet HTML 11Page - ams AG AS5600L Datasheet HTML 12Page - ams AG AS5600L Datasheet HTML 13Page - ams AG AS5600L Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Page 10
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − System Characteristics
Figure 13:
System Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RES
Resolution
12
bit
INL_BL
System INL
Deviation from best line fit; 360°
maximum angle, no magnet
displacement, no
zero-programming performed
(PWM, I²C)
±1
degree
ON_SLOW
RMS output
noise (1 sigma)
Orthogonal component for the
magnetic field within the specified
range (Bz), after 2.2 ms;
SF = 00
0.015
degree
ON_FAST
RMS output
noise (1 sigma)
Orthogonal component for the
magnetic field within the specified
range (Bz), after 286 μs, SF=11
0.043
degree
System Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com