Electronic Components Datasheet Search
  English  ▼

X  

AS5600L Datasheet(PDF) 37 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 37 Page - ams AG

Back Button AS5600L Datasheet HTML 33Page - ams AG AS5600L Datasheet HTML 34Page - ams AG AS5600L Datasheet HTML 35Page - ams AG AS5600L Datasheet HTML 36Page - ams AG AS5600L Datasheet HTML 37Page - ams AG AS5600L Datasheet HTML 38Page - ams AG AS5600L Datasheet HTML 39Page - ams AG AS5600L Datasheet HTML 40Page - ams AG AS5600L Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
ams Datasheet
Page 37
[v1-12] 2020-May-14
Document Feedback
AS5600L − Application Information
Mechanical Data
The internal Hall elements are placed on a radius of 1 mm. The
center of the internal Hall array is NOT in the center of the
package as shown below in Figure 40. The center of the magnet
must be placed over the center of the Hall sensor array.
Figure 40:
Hall Element Positions (SOIC-8)
Note(s):
1. All dimensions in mm.
1.161 typ.
0.435 typ.
0.459 typ.
1.470 nom.
2.089 typ.
0.172 typ.
Notes:
1. All dimensions in mm
Package outline
Package outline
Die Centre
Internal Hall
Array Centre



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com