Electronic Components Datasheet Search
  English  ▼

X  

AS5600L Datasheet(PDF) 28 Page - ams AG

Part # AS5600L
Description  12-Bit Programmable On-Axis Magnetic Rotary Position Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5600L Datasheet(HTML) 28 Page - ams AG

Back Button AS5600L Datasheet HTML 24Page - ams AG AS5600L Datasheet HTML 25Page - ams AG AS5600L Datasheet HTML 26Page - ams AG AS5600L Datasheet HTML 27Page - ams AG AS5600L Datasheet HTML 28Page - ams AG AS5600L Datasheet HTML 29Page - ams AG AS5600L Datasheet HTML 30Page - ams AG AS5600L Datasheet HTML 31Page - ams AG AS5600L Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Page 28
ams Datasheet
Document Feedback
[v1-12] 2020-May-14
AS5600L − Register Description
I²C Address Programming
The 7-bit I²C slave address of the AS5600L is programmable to
allow communication between a MCU and multiple AS5600L
position sensors on one bus. The default slave address is 40h.
There are two possibilities to change the I²C slave address:
•Temporary Change: Write new slave address into register
I2CADDR and I2CUPDT. This change of the I²C slave
address is just temporary. After power-on reset the slave
address is set to previous value.
• Permanent Change: Write the new slave address to
register I2CADDR, then perform BURN_SETTING
command. This option is for permanently changing the I²C
slave address.
Note(s): Once the MSB bit of the slave address is programmed
to 0, it cannot be changed to 1 again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com