Electronic Components Datasheet Search
  English  ▼

X  

ESP-PSRAM64H Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 13Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 14Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 15Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 16Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 17Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 18Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 19Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 20Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
"
7. QPI Mode Operations
7.
QPI Mode Operations
7.1. QPI Read Operations
For all reads, data will be available after tACLK following the falling edge of CLK.
"
Figure 7-1. QPI Fast Read ‘hEB


(Max frequency: 144 MHz for ESP-PSRAM64, 133 MHz for ESP-PSRAM64H)
7.2. QPI Write Operations
QPI write command can be input as ‘h02 or ‘h38.
"
Figure 7-2. QPI Write ‘h02 or ‘h38
Espressif Systems
" /"
2018.06
13 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com