Electronic Components Datasheet Search
  English  ▼

X  

ESP-PSRAM64H Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 10Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 11Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 12Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 13Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 14Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
"
5. Interface Description
5.5. Command Termination
In order to terminate ongoing read and write operations and put the chip into standby mode, CE#
must be pulled high immediately after all read/write operations. Not doing so will block internal re-
fresh operations and cause memory failure.
"
Figure 5-1. Write Command Termination
For a memory controller to correctly latch the last piece of data prior to read-termination, it is rec-
ommended that a longer CE# hold time (tCHD > tACLK + tCLK) be provided, allowing for a sufficient
data window.
Set Burst
Length
'hC0
S
-
-
-
133/144 Q
-
-
-
133/144
Read ID
'h9F
S
S
0
S
133/144 N/A
Command
Code
SPI Mode (QE=0)
QPI Mode (QE=1)
Cmd
Addr
Wait
Cycle DIO
MAX
Freq.
Cmd
Addr
Wait
Cycle
DIO MAX Freq.
���� Notes*:
1. S=Serial I/O; Q=Quad I/O.
2. 133/144 MHz max without crossing page boundaries, and 84 MHz max when burst commands cross page
boundaries.
3. For ESP-PSRAM64, the maximum frequency is 144 MHz, while for ESP-PSRAM64H it is 133 MHz.
Espressif Systems
" /"
2018.06
7 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com