Electronic Components Datasheet Search
  English  ▼

X  

ESP-PSRAM64H Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ESP-PSRAM64H Datasheet HTML 1Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 2Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 3Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 4Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 5Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 6Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
"
1. Introduction
1.
Introduction
ESP-PSRAM64 and ESP-PSRAM64H are 64 Mbit serial pseudo SRAM devices that are organized
in 8Mx8 bits. They are fabricated using the high-performance and high-reliability CMOS technology.
ESP-PSRAM64 operates at 1.8V and can offer high data bandwidth at 144 MHz clock rate, while
ESP-PSRAM64H operates at 3.3V and can support up to 133 MHz clock rate. Note, however, that
burst operations which cross page boundaries have a lower max input clock frequency at 84 MHz.
Both of the PSRAM devices can be accessed via the Serial Peripheral Interface (SPI). Additionally, a
Quad Peripheral Interface (QPI) is supported if the application needs faster data rates. The devices
also support unlimited reads and writes to the memory array.
Note that the information in this data sheet is applicable to both PSRAM devices. Any differences
between them will be clearly specified in the course of this document.
Table 1-1. Ordering Information of ESP-PSRAM64 and ESP-PSRAM64H
Part number
Product
density
Package
type
Maximum
Clock rate
Operating
temperature
Product
carrier
Green code
Operating
voltage
Read/Write
operation mode
SPI mode
ESP-PSRAM64
64 Mbit
SOP8-150 mil
144 MHz
–40℃ ~
85℃
Tape &
Reel
RoHS Compliant
Package and
Green/Reach
Package
1.8V
1 KB Pages
Standard/
Quad SPI
ESP-PSRAM64H
133 MHz
3.3V
Espressif Systems
" /22
2018.06
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com