Electronic Components Datasheet Search
  English  ▼

X  

ESP-PSRAM64H Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ESP-PSRAM64H
Description  This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ESP-PSRAM64H Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ESP-PSRAM64H Datasheet HTML 6Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 7Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 8Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 9Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 10Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 11Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 12Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 13Page - List of Unclassifed Manufacturers ESP-PSRAM64H Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
"
5. Interface Description
5.
Interface Description
5.1. Address Space
The SPI/QPI PSRAM device is byte-addressable. The address of the 64 Mbit device is A[22:0].
5.2. Page Size
The page size is 1K (CA[9:0]). The default setting is a linear burst that crosses page boundaries in
a continuous manner. Note, however, that the maximum input clock frequency for burst operations
which cross page boundaries is 84 MHz. Optionally, the device can also be set to the 32-byte wrap
(CA[4:0]) mode, using the Wrap Boundary Toggle command, but the device cannot cross page
boundaries in this case.
5.3. Power-on Status
The device powers up in SPI Mode. It is required to have CE# high before beginning any opera-
tions.
5.4. Truth Table
The device recognizes the following commands specified by the various input methods.
Command
Code
SPI Mode (QE=0)
QPI Mode (QE=1)
Cmd
Addr
Wait
Cycle DIO
MAX
Freq.
Cmd
Addr
Wait
Cycle
DIO MAX Freq.
Read
'h03
S*note1 S
0
S
33
N/A
Fast Read
'h0B
S
S
8
S
133/144 N/A
Fast Read
Quad
'hEB
S
Q
6
Q*note
1
133/144 Q
Q
6
Q
133/144*note2
Write
'h02
S
S
0
S
133/144 Q
Q
0
Q
133/144*note2
Quad Write
'h38
S
Q
0
Q
133/144 Same as 'h02
Enter Quad
Mode
'h35
S
-
-
-
133/144 N/A
Exit Quad
Mode
'hF5
N/A
Q
-
-
-
133/144
Reset
Enable
'h66
S
-
-
-
133/144 Q
-
-
-
133/144
Reset
'h99
S
-
-
-
133/144 Q
-
-
-
133/144
Espressif Systems
" /"
2018.06
6 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com