Electronic Components Datasheet Search
  English  ▼

X  

DFR0205 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DFR0205
Description  5A 350KHz 25V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DFR0205 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DFR0205 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Datasheet
5A 350KHz 25V Buck DC to DC Converter
3
Function Block
Figure3. Function Block Diagram of GS2678
Typical Application Circuit
Figure4. GS2678 Typical Application Circuit 12V-5V/5A
SHENZHEN GSM ELECTAONIC CO.,LTD http://www.086ic.cn
tel:0755-81275006 mob:13424297678



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com