Electronic Components Datasheet Search
  English  ▼

X  

DFR0205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DFR0205
Description  5A 350KHz 25V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DFR0205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DFR0205 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Datasheet
5A 350KHz 25V Buck DC to DC Converter
1
Features
Wide 3.6V to 25V Input Voltage Range
Output Adjustable from 0.8V to 23V
Maximum Duty Cycle 100%
Minimum Drop Out 0.6V
Fixed 350KHz Switching Frequency
5A Constant Output Current Capability
Internal Optimize Power MOSFET
High efficiency
Excellent line and load regulation
TTL shutdown capability
EN pin with hysteresis function
Built in thermal shutdown function
Built in current limit function
Built in output short protection function
Available in TO-263 package
Applications
LCD Monitor and LCD TV
Digital Photo Frame
Set-up Box
ADSL Modem
Telecom / Networking Equipment
General Description
The GS2678 is a 350 KHz fixed frequency
PWM buck (step-down) DC/DC converter,
capable of driving a 5A load with high
efficiency, low ripple and excellent line and
load regulation. Requiring a minimum
number of external components, the regulator
is simple to use and include internal
frequency
compensation
and
a
fixed-frequency oscillator.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
is built inside. When short protection function
happens, the operation frequency will be
reduced from 350KHz to 80KHz. An internal
compensation block is built in to minimize
external component count.
Figure1. Package Type of GS2678
SHENZHEN GSM ELECTAONIC CO.,LTD http://www.086ic.cn
tel:0755-81275006 mob:13424297678


Similar Part No. - DFR0205

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0205 DFROBOT-DFR0205 Datasheet
279Kb / 2P
Power Module (SKU:DFR0205)
More results

Similar Description - DFR0205

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
150Khz, 5A PWM Buck DC/DC Converter
Rev. 0.4 Feb 19, 2004
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
150Khz, 5A PWM Buck DC/DC Converter
Rev.1.2 Aug 23, 2005
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Taiwan Semiconductor Co...
TS3552 TSC-TS3552 Datasheet
415Kb / 11P
2A/350kHz Synchronous Buck DC/DC Converter
TS3553 TSC-TS3553 Datasheet
441Kb / 11P
3A/350kHz Synchronous Buck DC/DC Converter
logo
List of Unclassifed Man...
XL4005 ETC2-XL4005 Datasheet
222Kb / 9P
5A 300KHz 32V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
5A PWM BUCK DC/DC CONVERTER
Rev 11
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
5A 180KHz 36V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com