Electronic Components Datasheet Search
  English  ▼

X  

DFR0205 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DFR0205
Description  5A 350KHz 25V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DFR0205 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DFR0205 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Datasheet
5A 350KHz 25V Buck DC to DC Converter
5
GS2678 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
System parameters test circuit figure4
VFB
Feedback
Voltage
Vin = 5V to 25V, Vout=5V
Iload=0.5A to 5A
0.776
0.8
0.824
V
Efficiency
ŋ
Vin=12V ,Vout=5V
Iout=5A
-
90
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 220uf/50V capacitor; Iout=500mA, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input operation voltage
Vin
3.6
25
V
Shutdown Supply Current
ISTBY
VEN=0V
60
200
uA
Quiescent Supply Current
Iq
VEN =2V,
VFB =Vin
3
5
mA
Oscillator Frequency
Fosc
298
350
402
Khz
Switch Current Limit
IL
VFB =0
8
A
EN Pin Threshold
VEN
High (Regulator ON)
Low (Regulator OFF)
1.4
0.8
V
IH
VEN =2V (ON)
1
15
uA
EN Pin Input Leakage
Current
IL
VEN =0V (OFF)
1
15
uA
Max. Duty Cycle
DMAX
VFB=0V
100
%
SHENZHEN GSM ELECTAONIC CO.,LTD http://www.086ic.cn
tel:0755-81275006 mob:13424297678



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com