Electronic Components Datasheet Search
  English  ▼

X  

DFR0205 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DFR0205
Description  5A 350KHz 25V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DFR0205 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DFR0205 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFR0205 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Datasheet
5A 350KHz 25V Buck DC to DC Converter
4
Ordering Information
Part Number
Marking ID
Lead Free
Lead Free
Packing Type
GS2678E1
GS2678E1
Tube
Package
Temperature
Range
GS2678TRE1
GS2678E1
Tape & Reel
GSM Pb-free products, as designated with “E1”
suffix in the par number, are RoHS compliant.
Absolute Maximum Ratings(Note1)
Parameter
Symbol
Value
Unit
Input Voltage
Vin
-0.3 to 30
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
EN Pin Voltage
VEN
-0.3 to Vin
V
Output Switch Pin Voltage
VOutput
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Thermal Resistance (TO263)
(Junction to Ambient, No Heatsink, Free Air)
RJA
50
ºC/W
Operating Junction Temperature
TJ
-40 to 125
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
ESD (HBM)
2000
V
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
SHENZHEN GSM ELECTAONIC CO.,LTD http://www.086ic.cn
tel:0755-81275006 mob:13424297678



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com