Electronic Components Datasheet Search
  English  ▼

X  

DC9010B Datasheet(PDF) 13 Page - Linear Technology

Part # DC9010B
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010B Datasheet(HTML) 13 Page - Linear Technology

Back Button DC9010B Datasheet HTML 9Page - Linear Technology DC9010B Datasheet HTML 10Page - Linear Technology DC9010B Datasheet HTML 11Page - Linear Technology DC9010B Datasheet HTML 12Page - Linear Technology DC9010B Datasheet HTML 13Page - Linear Technology DC9010B Datasheet HTML 14Page - Linear Technology DC9010B Datasheet HTML 15Page - Linear Technology DC9010B Datasheet HTML 16Page - Linear Technology DC9010B Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
ETERNA
™ SERIAL PROGRAMMER GUIDE
13
Commands
Commands are issued via a Windows Command prompt. The commonly used
command options are documented below – see the Help for how to view a complete list
of supported commands.
Help
For a complete list of all the ESP options, enter:
C:\...\ESP\ESP
Erase
The entire flash is 512 KB in size. That flash is organized in 256 pages of 2 KB each.
The pages are numbered 0 through 255. Each page has a starting address that is
represented in hexadecimal. So, page 0 starts at address 0x0. Page 1 starts at 0x800,
and so on.
To erase the entire 512 KB of flash, enter:
C:\...\ESP\ESP –E
To erase a select number of pages of flash, enter:
C:\...\ESP\ESP –e OFFSET PAGES
Where OFFSET is in hexadecimal with no leading 0x and must be in multiples of 800
hexadecimal (2 KB) and PAGES is the decimal number of page(s) to be erased. For
example, to erase various flash image components described in the following Flash
Image Structure section, enter:
C:\...\ESP\ESP –e 0 1
to only erase the Fuse Table (one
page starting at address offset
0x0)
C:\...\ESP\ESP –e 800 1
to only erase the Partition Table
(one page starting at address
offset 0x800)
C:\...\ESP\ESP –e 1000 237
to only erase the Main
Executable (237 pages starting
at offset 0x1000)
C:\...\ESP\ESP –e 77800 17
to only erase the Loader (17
pages starting at 0x77800)
Read (unlocked device)
To read the entire 512 KB of flash and store the image in a file, enter:
C:\...\ESP\ESP –r FILENAME
To read the entire a subset of flash and store the image in a file, enter:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com