Electronic Components Datasheet Search
  English  ▼

X  

DC9010B Datasheet(PDF) 22 Page - Linear Technology

Part # DC9010B
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010B Datasheet(HTML) 22 Page - Linear Technology

Back Button DC9010B Datasheet HTML 18Page - Linear Technology DC9010B Datasheet HTML 19Page - Linear Technology DC9010B Datasheet HTML 20Page - Linear Technology DC9010B Datasheet HTML 21Page - Linear Technology DC9010B Datasheet HTML 22Page - Linear Technology DC9010B Datasheet HTML 23Page - Linear Technology DC9010B Datasheet HTML 24Page - Linear Technology DC9010B Datasheet HTML 25Page - Linear Technology DC9010B Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
IPCS (SPI Slave)
For parts that are not locked, the Eterna Flash emulator uses the IPCS bus in
conjunction with the RESETn and FLASH_P_ENn signals. To enter the flash emulator,
assert both RESETn and FLASH_P_ENn (both low), and then after 10ms, the host
communicate with the emulator via the bus, at a maximum rate of 3.33 MHz.
Operation is controlled by a protocol mastered externally. Commands starts with the
falling edge of IPCS_SSn followed by an appropriate 8-bit instruction, listed below,
followed by appropriate address and/or data. While IPCS_SSn is low, data from
IPCS_MOSI is clocked from the master on the rising edge of IPCS_SCK, MSB first.
As appropriate, status and read data from the device is clocked out on IPCS_MISO on
the falling edge of IPCS_SCK, for sampling by the master on the rising edge.
22
ETERNA
™ SERIAL PROGRAMMER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com