Electronic Components Datasheet Search
  English  ▼

X  

DC9010B Datasheet(PDF) 20 Page - Linear Technology

Part # DC9010B
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010B Datasheet(HTML) 20 Page - Linear Technology

Back Button DC9010B Datasheet HTML 16Page - Linear Technology DC9010B Datasheet HTML 17Page - Linear Technology DC9010B Datasheet HTML 18Page - Linear Technology DC9010B Datasheet HTML 19Page - Linear Technology DC9010B Datasheet HTML 20Page - Linear Technology DC9010B Datasheet HTML 21Page - Linear Technology DC9010B Datasheet HTML 22Page - Linear Technology DC9010B Datasheet HTML 23Page - Linear Technology DC9010B Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
20
ETERNA
™ SERIAL PROGRAMMER GUIDE
Accessing Eterna Flash
Once an appropriate device is established, the -r command can be used to obtain
additional information.
If an unlocked powered ETERNA is not present, the HSP_ERR_FLASHID error is
returned. If a locked ETERNA is present, the HSP_ERR_FLASHID error is returned for
all commands except the unlocking commands –u and –U. If an unlocking command is
attempted on an unlocked part, the HSP_ERR_FLASH_ID error is returned.
If the read is successful, all other valid ESP commands should function.
HSP_ERR_BADPARAM indicates a parameter out of range, such as an address outside
of 0x80000.
Erase Flash before Programming
When programming an image, the corresponding flash memory must have been
previously erased. Production LTC5800 parts are shipped by Linear with the flash
erased. Production LTP (PCB) parts are shipped by Linear with the flash images
loaded.
Other Common Issues
Other ESP errors are usually internal errors associated with the installation, which
includes: ESP.exe, FTCSPI.dll (HSP_ERR_LOADLIB), FTD2XX.dll, and the FTDI driver.
Error Codes
The following table describes common error codes and numbers.
Error Code
Number
Description
HSP_ERR_OPENDEV
3
USB device already open or internal error
HSP_ERR_NODEV
4
USB device not found (when not using -i
option)
HSP_ERR_LOADLIB
7
FTDI/FTCSPI installation error
HSP_ERR_FLASHID
12
ETERNA FlashID not found; target not
present or locked
HSP_ERR_MAXNUMDEV
17
USB configuration error, too many high
speed devices found (64 units max)
HSP_ERR_BADTYPE
18
Incorrect target type passed via the -t option
HSP_ERR_NOCOM
19
Invalid COM port or already open; Fail to
open COM port in case of an unlock
command
HSP_ERR_NOTUNLOCKED
22
Failed to unlock ETERNA part, invalid key, or
no powered ETERNA part present.
HSP_ERR_BADPARAM
26
Parameter error, incorrect address, bytes or
pages value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com