Electronic Components Datasheet Search
  English  ▼

X  

DC9010B Datasheet(PDF) 36 Page - Linear Technology

Part # DC9010B
Description  Dust Networks Eterna??Serial Programmer Guide
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

DC9010B Datasheet(HTML) 36 Page - Linear Technology

Back Button DC9010B Datasheet HTML 32Page - Linear Technology DC9010B Datasheet HTML 33Page - Linear Technology DC9010B Datasheet HTML 34Page - Linear Technology DC9010B Datasheet HTML 35Page - Linear Technology DC9010B Datasheet HTML 36Page - Linear Technology DC9010B Datasheet HTML 37Page - Linear Technology DC9010B Datasheet HTML 38Page - Linear Technology DC9010B Datasheet HTML 39Page - Linear Technology DC9010B Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
36
ETERNA
™ SERIAL PROGRAMMER GUIDE
Board Outline and Connector Pinout
Serial Programming Header (P5, right angle external 2mm, Molex 87833-1020)
Pin #
Signal
Direction
Pin #
Signal
Direction
1
IPCS_SSn
O
2
FLASH_P_ENn
O
3
IPCS _SCK
O
4
IPCS _MOSI
O
5
IPCS _MISO
I
6
RESETn
O
7
VSUPPLY
-
8
GND
-
9
UARTC0_TX
I
10
UARTC0_RX
O
22/26-Pin Mote Socket (J4 & J5, internal 2mm, Samtec SQT-113-01-L-S-005)
Pin #
J5 Signals
Direction
Pin #
J4 Signals
Direction
1
UARTC0_RX
O
1
LPTIMERn
I/O
2
UARTC0_TX
I
2
SLEEPn
I/O
3
GND
-
3
RESETn
O
4
VSUPPLY
-
4
IPCS_SSn
O
5
KEY
-
5
KEY
-
6
UART_RX
O
6
IPCS _MISO
I
7
UART_TX
I
7
IPCS _MOSI
O
8
UART_RX_RTSn
I
8
IPCS _SCK
O
9
UART_TX_RTSn
O
9
TCK
O
10
UART_RX_CTSn
O
10
TDO
I
11
UART_TX_CTSn
I
11
TDI
O
12
TIMEn
I/O
12
TMS
O
13
MODE
I/O
13
FLASH_P_ENn
O
Small Programming Header (P3, internal .050”, Samtec FTSH-105-01-F-DV-K)
Pin #
Signal
Direction
Pin #
Signal
Direction
1
IPCS_SSn
O
2
FLASH_P_ENn
O
3
IPCS _SCK
O
4
IPCS _MOSI
O
5
IPCS _MISO
I
6
RESETn
O
7
VSUPPLY
-
8
GND
-
9
UARTC0_TX
I
10
UARTC0_RX
O
Reference Calibration Connectors (J2, J3, SMA, TE Connectivity 5-1814832-1)
Pin #
J2, PPS Input
Direction
Pin #
J3, Calibration Output
Direction
Signal
REF_IN
I
Signal
TEST_OUT
O
Shield
GND
-
Shield
GND
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com