Electronic Components Datasheet Search
  English  ▼

X  

STM32G474XC Datasheet(PDF) 113 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 113 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 109Page - STMicroelectronics STM32G474XC Datasheet HTML 110Page - STMicroelectronics STM32G474XC Datasheet HTML 111Page - STMicroelectronics STM32G474XC Datasheet HTML 112Page - STMicroelectronics STM32G474XC Datasheet HTML 113Page - STMicroelectronics STM32G474XC Datasheet HTML 114Page - STMicroelectronics STM32G474XC Datasheet HTML 115Page - STMicroelectronics STM32G474XC Datasheet HTML 116Page - STMicroelectronics STM32G474XC Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 236 page
background image
DS12288 Rev 4
113/236
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
APB1
CRS
0.74
0.68
0.57
0.51
µA/MHz
FDCAN1/FDCAN2/FDCAN3
22.20
20.68
17.10
21.15
I2C1
1.29
1.20
0.99
1.28
I2C2
1.29
1.20
0.99
1.28
I2C3
1.25
1.17
0.96
1.56
I2C4
1.25
1.16
0.96
1.97
LPTIM1
1.11
1.03
0.85
1.42
LPUART1
1.91
1.78
1.47
2.03
PWR
0.71
0.65
0.53
0.53
RTC
2.64
2.46
2.07
3.26
SPI2/I2S2
4.05
3.77
3.11
4.16
SPI3/I2S3
4.08
3.81
3.13
4.49
TIM2
7.97
7.42
6.16
8.29
TIM3
6.37
5.93
4.92
6.81
TIM4
6.43
5.98
4.97
6.50
TIM5
8.28
7.71
6.38
8.11
TIM6
1.22
1.13
0.94
1.45
TIM7
1.28
1.18
0.98
1.56
UART4
2.51
2.33
1.92
3.14
UART5
2.79
2.60
2.14
3.34
USART2
2.75
2.56
2.12
3.11
USART3
2.71
2.52
2.08
2.47
USB
0.46
0.43
NA
NA
UCPD
2.46
2.28
1.89
NA
WWDG
0.42
0.39
0.31
0.42
Table 35. Peripheral current consumption (continued)
Bus
Peripheral
Range 1
Boost
mode
Range 1
Normal
mode
Range 2
Low-power
run and
sleep
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com