Electronic Components Datasheet Search
  English  ▼

X  

STM32G474XC Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 112Page - STMicroelectronics STM32G474XC Datasheet HTML 113Page - STMicroelectronics STM32G474XC Datasheet HTML 114Page - STMicroelectronics STM32G474XC Datasheet HTML 115Page - STMicroelectronics STM32G474XC Datasheet HTML 116Page - STMicroelectronics STM32G474XC Datasheet HTML 117Page - STMicroelectronics STM32G474XC Datasheet HTML 118Page - STMicroelectronics STM32G474XC Datasheet HTML 119Page - STMicroelectronics STM32G474XC Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
116/236
DS12288 Rev 4
5.3.6
Wakeup time from low-power modes and voltage scaling
transition times
The wakeup times given in Table 36 are the latency between the event and the execution of
the first user instruction.
The device goes in low-power mode after the WFE (Wait For Event) instruction.
Table 36. Low-power mode wakeup timings(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
tWUSLEEP
Wakeup time from Sleep
mode to Run mode
-
11
12
Nb of
CPU
cycles
tWULPSLEEP
Wakeup time from Low-
power sleep mode to Low-
power run mode
-
10
11
tWUSTOP0
Wake up time from Stop 0
mode to Run mode in Flash
Range 1
Wakeup clock HSI16 = 16 MHz
5.8
6
µs
Range 2
Wakeup clock HSI16 = 16 MHz 18.4
19.1
Wake up time from Stop 0
mode to Run mode in
SRAM1
Range 1
Wakeup clock HSI16 = 16 MHz
2.8
3
Range 2
Wakeup clock HSI16 = 16 MHz
2.9
3
tWUSTOP1
Wake up time from Stop 1
mode to Run in Flash
Range 1
Wakeup clock HSI16 = 16 MHz
9.5
9.8
Range 2
Wakeup clock HSI16 = 16 MHz 21.9
22.7
Wake up time from Stop 1
mode to Run mode in
SRAM1
Range 1
Wakeup clock HSI16 = 16 MHz
6.6
6.9
Range 2
Wakeup clock HSI16 = 16 MHz
6.4
6.6
Wake up time from Stop 1
mode to Low-power run
mode in Flash
Regulator in
low-power
mode (LPR=1
in PWR_CR1)
Wakeup clock
HSI16 = 16 MHz,
with HPRE = 8
26.1
27.1(2)
Wake up time from Stop 1
mode to Low-power run
mode in SRAM1
14.4
15(2)
tWUSTBY
Wakeup time from Standby
mode to Run mode
Range 1
Wakeup clock HSI16 = 16 MHz
29.7
33.8
tWUSTBY
SRAM2
Wakeup time from Standby
with SRAM2 to Run mode
Range 1
Wakeup clock HSI16 = 16 MHz
29.7
33.5
tWUSHDN
Wakeup time from
Shutdown mode to Run
mode
Range 1
Wakeup clock HSI16 = 16 MHz 267.9 274.6(2)
tWULPRUN
Wakeup time from Low-
power run mode to Run
mode(3)
Wakeup clock HSI16 = 16 MHz
with HPRE = 8
57
1. Guaranteed by characterization results.
2. Characterization results for temperature range from 0°C to 125°C
3. Time until REGLPF flag is cleared in PWR_SR2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com