Electronic Components Datasheet Search
  English  ▼

X  

FL1F Datasheet(PDF) 3 Page - IDEC Corporation

Part # FL1F
Description  SmartRelay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL1F Datasheet(HTML) 3 Page - IDEC Corporation

  FL1F Datasheet HTML 1Page - IDEC Corporation FL1F Datasheet HTML 2Page - IDEC Corporation FL1F Datasheet HTML 3Page - IDEC Corporation FL1F Datasheet HTML 4Page - IDEC Corporation FL1F Datasheet HTML 5Page - IDEC Corporation FL1F Datasheet HTML 6Page - IDEC Corporation FL1F Datasheet HTML 7Page - IDEC Corporation FL1F Datasheet HTML 8Page - IDEC Corporation FL1F Datasheet HTML 9Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
• Maximum I/O 60 points: (24DI + 20DO + 8AI + 8AO)
• Maximum programming capacity: 8,500 bytes (400 function blocks)
• Operating temperature: -20 to +50oC (*1) (*2)
• For Base Modules with LCD display, not only program editing and monitoring of function
blocks, but also addition and deletion of programs can be performed. The user interface
enables intuitive operation. Programs can be modified quickly.
• For Base Modules with LCD display, a backlight display with 3 colors (white, amber, red),
which can display 16 characters x 6 lines, is available (2-byte characters also available).
• Data is stored in a non-volatile memory, which provides no limit in backup time.
• With a built-in clock function, a maximum of 20-day backup is possible (at ambient
temperature of 25°C.) Also, NTP function adjusts the clock automatically when connected
to the internet.
• Equipped with a micro SD memory card slot, program downloading and data logging is
possible using a commercially-available memory card.
• Ethernet communication port (RJ45). No cables required for downloading and uploading
user programs. Also, Modbus TCP (server / client / 16 connection) for communicating with
peripheral equipment is available. (*1)
Base Modules
Package Quantity: 1
Rated Power Voltage
Input Signal
Output Signal
Display
Clock
I/O Points
Weight (approx.)
Part No.
24V DC
DC (*1)
I1, I2, I7 and I8 are used for
digital/analog inputs
Transistor
Yes
Yes
8/4 points
195g
FL1F-H12SCD
12/24V DC
Relay
Yes
Yes
8/4 points
240g
FL1F-H12RCE
—
200g
FL1F-B12RCE
24V AC/DC
AC/DC (*1)
Relay
Yes
Yes
8/4 points
240g
FL1F-H12RCA
—
200g
FL1F-B12RCA
100 to 240V AC/DC
AC/DC
Relay
Yes
Yes
8/4 points
240g
FL1F-H12RCC
—
200g
FL1F-B12RCC
*1) With NPN/PNP sensor input. For details, see “Input Internal Circuits” on page
5.
Expansion I/O Modules (*2) (*3)
Package Quantity: 1
Type
Rated Power Voltage
Input Signal
Output Signal
I/O Points
Weight (approx.)
Part No.
Input/Output
24V DC
DC
Transistor
4/4 points
95g
FL1F-M08B1S2
12/24VDC
DC
Relay
4/4 points
130g
FL1F-M08B2R2
24V AC/DC
AC/DC (*4)
Relay
4/4 points
130g
FL1F-M08D2R2
100 to 240V AC/DC
AC/DC
Relay
4/4 points
130g
FL1F-M08C2R2
Analog Input
12/24V DC
Analog
—
2/0 points
95g
FL1F-J2B2
Analog Output
24V DC
—
Analog
0/2 points
95g
FL1F-K2BM2
*2) I/O points within the range of the maximum expansion I/O points can be used.
*3) When using modules of the same power voltage, supply power to the Base Module and Expansion I/O Modules using one power supply.
When power is supplied to the modules from different power supplies, the fast transient burst is 1 kV (IEC61000-4-4).
*4) With NPN/PNP sensor input. For details, see “Input Internal Circuits” on page
5.
Text Display for FL1F
Package Quantity: 1
Rated Power Voltage
Weight (approx.)
Part No.
Remarks
24V AC/DC
12V DC
220g
FL1F-RD1
Supplied with a mounting clip and gasket
Options
Name
Part No.
Ordering No.
Package Quantity
Remarks
Application Software: WindLGC (*5)
FL9Y-LP1CDW
FL9Y-LP1CDW
1
DVD-ROM (incl. online help manual)
Mounting Clip for Base Module (*6)
FL1F-PSP1
FL1F-PSP1PN05
5
Supplied with a module
Mounting Clip and Waterproof Gasket for Text Display (*7)
FL1F-KW1
FL1F-KW1
1
Supplied with Text Display
IDEC SmartRelay User’s Manual (English)
FL9Y-B1789
FL9Y-B1789
1
Downloadable from: http://www.idec.
com/download
*5) DVD-ROM (Including online help manual)
*6) Supplied with a Base Module and an Expansion I/O Module.
*7) Supplied with a Text Display, it includes a gasket, four mounting clips, and a power supply connector.
• Web server function available. “FL1F WEB EDITOR” function in WindLGC enables easy and expressive design of web pages by drag and drop.
• With 1:n communication, a system with a maximum of 16 connections can be built.
• New function block available (float to integer, integer to float conversion function block.) (*1)
• “FL1F Access Tool” enables easy operation control using accustomed Microsoft Excel functionality. (*1) (*3)
• The Text Display for FL1F is a backlight LCD display (160 x 96 dots) available in 3 colors (white, amber, and red). Display of up to 20 characters x 6 lines.
Scrolling, blinking, and bar graph available.
• Five new function blocks available (astronomical clock, analog filter, maximum and minimum, average, stop watch).
*1) When FS is 05 or later. WindLGC Ver. 8.2 or later is required for FS 05 or later. *2) When FS is 04 or earlier: 0 to +55oC
*3) Microsoft Excel Version 2010, 2013
New IDEC SmartRelay FL1F enhances both high performance and easy control.
1
FL1F



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com