Electronic Components Datasheet Search
  English  ▼

X  

FL1F Datasheet(PDF) 8 Page - IDEC Corporation

Part # FL1F
Description  SmartRelay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL1F Datasheet(HTML) 8 Page - IDEC Corporation

Back Button FL1F Datasheet HTML 2Page - IDEC Corporation FL1F Datasheet HTML 3Page - IDEC Corporation FL1F Datasheet HTML 4Page - IDEC Corporation FL1F Datasheet HTML 5Page - IDEC Corporation FL1F Datasheet HTML 6Page - IDEC Corporation FL1F Datasheet HTML 7Page - IDEC Corporation FL1F Datasheet HTML 8Page - IDEC Corporation FL1F Datasheet HTML 9Page - IDEC Corporation FL1F Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Analog Voltage Input
FL1F-J2B2
U1,U2
57k
10nF
19k
+3.3 Internal Circuit
+
0 to 10V
M1, M2
Internal
Circuit
−
Analog Current Input
FL1F-J2B2
I1,I2
M1,M2
+
−
0 to 20mA
Max.55
10nF
124
Internal
Circuit
Use a twisted pair cable, and keep the cable as
short as possible.
Output Internal Circuits
Relay Output
FL1F-H12RCE/-B12RCE/-H12RCA/-B12RCA/-H12RCC/-B12RCC
FL1F-M08B2R2/-M08D2R2/-M08C2R2
Internal
Circuit
L
240V AC/24V DC
Fuse
Load
+V Internal Circuit
Q1 to Q4
N, M
L1
L+
DC Output (Transistor Source Output)
FL1F-H12SCD
FL1F-M08B1S2
Internal
Circuit
U+
U+
IN
OUT
+24V Internal Circuit
Q1 to Q4
M
L
Load
24V DC
0.3A max.
10nF
100k
When connecting to a DC input type PLC, use a negative common sink input type.
Analog Voltage Output
FL1F-K2BM2
(0-10V DC)
Internal
Circuit
U1+,U2+
M1,M2
+15V Internal Circuit
10
100nF
+
−
Analog Current Output
(0-20, 4-20 mA)
I1,I2
M1,M2
+15V Internal Circuit
22
10nF
Internal
Circuit
6
FL1F SmartRelay



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com