Electronic Components Datasheet Search
  English  ▼

X  

FL1F Datasheet(PDF) 6 Page - IDEC Corporation

Part # FL1F
Description  SmartRelay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL1F Datasheet(HTML) 6 Page - IDEC Corporation

Back Button FL1F Datasheet HTML 2Page - IDEC Corporation FL1F Datasheet HTML 3Page - IDEC Corporation FL1F Datasheet HTML 4Page - IDEC Corporation FL1F Datasheet HTML 5Page - IDEC Corporation FL1F Datasheet HTML 6Page - IDEC Corporation FL1F Datasheet HTML 7Page - IDEC Corporation FL1F Datasheet HTML 8Page - IDEC Corporation FL1F Datasheet HTML 9Page - IDEC Corporation FL1F Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
General Specifications
Item
Specifications
Standard
Operating
Temperature
Horizontal Mounting –20 to +55°C (no freezing) (*1)
Cold: IEC60068-2-1
Hot: IEC60068-2-2
Vertical Mounting
–20 to +55°C (no freezing) (*1)
Storage/ Transportation
Temperature
–40 to +70°C (no freezing)
—
Relative Humidity
10 to 95% (no condensation)
IEC60068-2-30
Atmospheric Pressure
795 to 1080 hPa
—
Operating Condition
No corrosive gas
—
Degree of Protection
IP20
—
Vibration Resistance
5 to 8.4 Hz, amplitude 3.5 mm
8.4 to 150 Hz, acceleration 9.8 m/s2
IEC60068-2-6
Shock Resistance
147 m/s2
IEC60068-2-27
Drop Test (packaged)
0.3m
IEC60068-2-32
Emissions
Limit class B Group 1
Conducted: 0.15 to 30MHz
EN55011/A
EN55022/B
EN50081-1
Electrostatic Discharge
Immunity
8 kV air discharge
6 kV contact discharge
IEC61000-4-2
Radiation Field Immunity
Field Strength: 1 V/m and 10 V/m
IEC61000-4-3
Fast Transient Burst
2 kV (power line)
2 kV (I/O signal line)
IEC61000-4-4
Surge Immunity (*2)
(FL1F-H12RCC, FL1F-B12RCC only)
1 kV (power line) normal
2 kV (power line) common
IEC61000-4-5
Communication Cable
2.5 mm2 (one wire)
1.5 mm2 (two wires)
—
Terminal Style
Finger-safe type (*3)
—
*1)Base module: 0 to 55°C when FS is 04 or earlier
Text display: 0 to 55°C when FS is 03 or earlier
*2)For protection against surge noise on DC power supply types (FL1F-H12RCE/B12RCE,
FL1F-H12SCD, FL1F-H12RCA/B12RCA), use surge absorbers, noise cut transformers, or
noise filters. Use of a surge protection device (DEHN + SÖHNE GmbH + Co, BVT AD 24
Part No. 918 402) is recommended.
*3)Tightening torque 0.5 to 0.6 N·m
Text Display Specifications
Power Voltage
24V AC/DC
12V DC
Allowable Voltage Range
20.4 to 26.4V AC
10.2 to 28.8V DC
Allowable Voltage Frequency
47 to 63Hz
Power Consumption
12V DC: 150 mA (Typ.)
24V DC: 75 mA (Typ.)
24V AC: 145 mA (Typ.) (*1)
Data Transmission Rate
10/100 M full/half duplex data transmission rate
Display
FSTN graphic display
(W × H: 160 × 96 dots)
LED backlight (White, Amber, Red)
Font type
English, Spanish, Russian, Chinese, Italian, Turkish,
German, Dutch, French, Japanese
Displayable string
1 screen 6 lines × 20 columns
Keyboard
Membrane keypad
Installation
Panel cut-out using mounting clips
Dimensions (W × H × D)
128.2 × 86 × 38.7 mm
*1) 75 mA when FS is 03
LCD Display / Backlight
Backlight Durability (*1)
20,000 hours
LCD Display Durability (*2)
50,000 hours
*1) Backlight durability is the number of hours taken for the light to become 50% of the
original brightness.
*2) Display durability is calculated under ordinary operating and storage conditions: room
temperature, normal humidity below 65% RH, and not subjected to direct sunlight.
Dimensions
All dimensions in mm.
Mounting Hole Layout (Using Mounting Slides)
Text Display
38.7
34.7
31.9
128.2
(Panel Cutout)
119.0+0.5mm
Mounting clip
Mounting screws
(tightening torque:
0.15 to 0.2 N·m)
Panel (thickness: 1.5 to 4 mm)
Mounting clip
Gasket
Base Module (with Display)
71.5
60
55
Base Module (without Display)
71.5
58
53
Expansion I/O Module
35.5
58
53
Base module
Expansion I/O module
4
FL1F SmartRelay



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com