Electronic Components Datasheet Search
  English  ▼

X  

FL1F Datasheet(PDF) 7 Page - IDEC Corporation

Part # FL1F
Description  SmartRelay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

FL1F Datasheet(HTML) 7 Page - IDEC Corporation

Back Button FL1F Datasheet HTML 2Page - IDEC Corporation FL1F Datasheet HTML 3Page - IDEC Corporation FL1F Datasheet HTML 4Page - IDEC Corporation FL1F Datasheet HTML 5Page - IDEC Corporation FL1F Datasheet HTML 6Page - IDEC Corporation FL1F Datasheet HTML 7Page - IDEC Corporation FL1F Datasheet HTML 8Page - IDEC Corporation FL1F Datasheet HTML 9Page - IDEC Corporation FL1F Datasheet HTML 10Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Input Internal Circuits
DC Input
FL1F-H12SCD/-H12RCE /-B12RCE
FL1F-M08B1S2/-M08B2R2
I3 to I6
4.3k
47nF
1.5k
4.7k
L+ (12/24V DC)
+V
OUT
0V
M
I3 to I6
4.3k
47nF
1.5k
4.7k
L+ (12/24V DC)
+V
OUT
0V
M(0V)
I3 to I6
NPN
Output
DC
3-wire Sensor
R1
M
L+
I3 to I6
PNP
Output
DC
3-wire Sensor
Internal
Circuit
Internal
Circuit
When using a NPN output sensor, connect an external resistor (I3 to I6):
FL1F-H12SCD:
For power voltage 24V DC: R1≤ 4kΩ, 1/4W
FL1F-H12RCE, -B12RCE
For power voltage 24V DC: R1≤ 8.1kΩ, 1/4W
For power voltage 12V DC: R1≤ 1.5 kΩ, 1/4W
+V
OUT
0V
M(0V)
R2
I1,I2
I7,I8
L+ (12/24V DC)
54.9k
20k
10nF
M
1nF
5.1k
+3.3V
I1,I2,I7,I8
NPN
Output
DC
3-wire Sensor
Internal
Circuit
I1,I2,I7 and I8 accept both digital and analog inputs.
The diagram above is for using I1,I2,I7, and I8 as digital inputs.
When using a NPN output sensor, connect an external resistor (I1,I2,I7,I8):
FL1F-H12SCD:
For power voltage 24V DC: R2≤ 50kΩ, 1/8W
FL1F-H12RCE, -B12RCE
For power voltage 24V DC: R2≤ 100kΩ, 1/8W
For power voltage 12V DC: R2≤ 19kΩ, 1/8W
24V AC/DC Input
FL1F-H12RCA /-B12RCA
FL1F-M08D2R2
I1 to I8
P1 (24V DC)
+V
OUT
0V
P2 (0V)
4.3k
100nF
510
P1
I1 to I8
PNP
Output
DC
3-wire Sensor
I1 to I8
P2 (24V DC)
P1 (0V)
I1 to I8
P1 (0V)
OUT
0V
NPN
Output
DC
3-wire Sensor
AC
2-wire
Sensor
I1 to I8
P1
P2
24V AC
R3
4.3k
100nF
510
Internal
Circuit
Internal
Circuit
+V
Bleeder resistance (R3) calculation
R3 must satisfy the following three conditions.
Condition 1: R3 (Ω) ≤
Maximum input OFF voltage (= 5VAC)
Maximum sensor leakage corrent (A)
Condition 2: R3 (Ω) ≤
Sensor power voltage (V)
Maximum sensor load corrent (A)
The voltage drop across the load (R3) must be less than 5V while the sensor is turned off.
Condition 3: PR3 (W) ≤
{Sensor power voltage (V)}2
R3 resistance (Ω)
× 3 (3: recommended allowance)
100 to 240V AC/DC
FL1F-H12RCC /-B12RCC
FL1F-M08C2R2
I1 to I8
L1
N
100 to 240V AC
R4
390k
120nF
43k
180k
270k
L1
I1 to I8
Internal
Circuit
AC
2-wire
Sensor
Bleeder resistance (R4) calculation
R4 must satisfy the following three conditions.
Condition 1: R4 (Ω) ≤
Maximum input OFF voltage (= 40VAC)
Maximum sensor leakage corrent (A)
Condition 2: R4 (Ω) ≤
Sensor power voltage (V)
Maximum sensor load corrent (A)
The voltage drop across the load (R4) must be less than 40V while the sensor is turned off.
Condition 3: PR4 (W) ≤
{Sensor power voltage (V)}2
R4 resistance (Ω)
× 3 (3: recommended allowance)
5
FL1F SmartRelay



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com