Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 9 Page - IDEC Corporation

Part # RF1V
Description  RF1V Force Guided Relays/SF1V Relay Sockets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 9 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation RF1V Datasheet HTML 9Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Operating Instructions
Relays & Sockets
818
www.IDEC.com
Operating Instructions con’t
Other Precautions
1. General notice:
To maintain the initial characteristics, do not drop or shock the relay.
The relay cover cannot be removed from the base during normal operation. To
maintain the initial characteristics, do not remove the relay cover.
Use the relay in environments free from condensation, dust, sulfur dioxide
(SO
2), and hydrogen sulfide (H2S).
Make sure that the coil voltage does not exceed applicable coil voltage range.
2. UL and CSA ratings may differ from product rated values determined by IDEC.
3. Do not use relays in the vicinity of strong magnetic field, as this may affect
relay operation.
Safety Precautions
• Turn off the power to the relay before starting installation, removal, wiring,
maintenance, and inspection of the relays. Failure to turn power off may
cause electrical shock or fire hazard.
• Observe specifications and rated values, otherwise electrical shock or fire
hazard may be caused.
• Use wires of the proper size to meet voltage and current requirements. Tight-
en the terminal screws on the relay socket to the proper tightening torque.
• Surge absorbing elements on AC relays with RC or DC relays with diode are
provided to absorb the back electromotive force generated by the coil. When
the relay is subject to an excessive external surge voltage, the surge absorb-
ing element may be damaged. Add another surge absorbing provision to the
relay to prevent damage.
Precautions for the RU Relays
• Before operating the latching lever of the RU relay, turn off the power to
the RU relay. After checking the circuit, return the latching lever to the origi-
nal position.
• Do not use the latching lever as a switch. The durability of the latching lever
is a minimum of 100 operations.
• When using DC loads on 4PDT relays, apply a positive voltage to terminals of
neighboring poles and a negative voltage to the other terminals of neighbor-
ing poles to prevent the possibility of short circuits.
• DC relays with a diode have a polarity in the coil terminals. Apply the DC volt-
age to the correct terminals.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com