Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 3 Page - IDEC Corporation

Part # RF1V
Description  RF1V Force Guided Relays/SF1V Relay Sockets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 3 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation RF1V Datasheet HTML 9Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RF1V
Relays & Sockets
812
www.IDEC.com
Specifications
Number of Poles
4-pole
6-pole
Contact Configuration
2NO-2NC
3NO-1NC
4NO-2NC
5NO-1NC
3NO-3NC
Contact Resistance (initial value) 1
100 mΩ maximum
Contact Material
AgSnO
2 (Au flashed)
Rated Load (resistive load)
6A 250V AC, 6A 30V DC
Allowable Switching Power (resistive load)
1500 VA, 180W
Allowable Switching Voltage
250V AC, 30V DC
Allowable Switching Current
6A
Minimum Applicable Load 2
5V DC, 1 mA (reference value)
Power Consumption (approx.)
0.36W
0.5W
Insulation Resistance
1000 MΩ minimum (500V DC megger, same measurement positions as the dielectric strength)
Dielectric
Strength
Between contact and coil
4000V AC, 1 minute
Between contacts of different poles
2500V AC, 1 minute
Between contacts 7-8 and 9-10
2500V AC, 1 minute
Between contacts 7-8 and 11-12
Between contacts 9-10 and 13-14
Between contacts 11-12 and 13-14
4000V AC, 1 min.
Between contacts 3-4 and 5-6
Between contacts 3-4 and 7-8
Between contacts 5-6 and 9-10
4000V AC, 1 min.
Between contacts 3-4 and 5-6
Between contacts 3-4 and 7-8
Between contacts 5-6 and 9-10
Between contacts 7-8 and 9-10
Between contacts of the same pole
1500V AC, 1 minute
Operating Time (at 20°C)
20 ms maximum (at the rated coil voltage, excluding contact bounce time)
Response Time (at 20°C) 3
8 ms maximum (at the rated coil voltage, excluding contact bounce time)
Release Time (at 20°C)
20 ms maximum (at the rated coil voltage, excluding contact bounce time)
Vibration
Resistance
Operating Extremes
10 to 55 Hz, amplitude 0.75 mm
Damage Limits
10 to 55 Hz, amplitude 0.75 mm
Shock
Resistance
Operating Extremes (half sine-wave pulse: 11 ms)
200 m/s2, when mounted on DIN rail mount socket: 150 m/s2
Damage Limits (half sine-wave pulse: 6 ms)
1000 m/s2
Electrical Life
250V AC 6A resistive load: 100,000 operations minimum (operating frequency 1200 per hour)
30V DC 6A resistive load: 100,000 operations minimum (operating frequency 1200 per hour)
250V AC 1A resistive load: 500,000 operations minimum (operating frequency 1800 per hour)
30V DC 1A resistive load: 500,000 operations minimum (operating frequency 1800 per hour)
[AC 15] 240V AC 2A inductive load: 100,000 operations minimum (operating frequency 1200 per hour, cos ø = 0.3)
[DC 13] 24V DC 1A inductive load: 100,000 operations minimum (operating frequency 1200 per hour, L/R = 48 ms)
Mechanical Life
10 million operations minimum (operating frequency 10,800 operations per hour)
Operating Temperature 4
–40 to +85°C (no freezing)
Operating Humidity
5 to 85%RH (no condensation)
Storage Temperature
–40 to +85°C
Operating Frequency (rated load)
1200 operations per hour
Weight (approx.)
20g
23g
1. Measured using 6V DC,1A voltage drop method.
2. Failure rate level P (reference value)
3. Response time is the time until NO contact opens, after the coil voltage is turned off.
4. When using at 70 to 85°C, reduce the switching current by 0.1A/°C.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com