Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 1 Page - IDEC Corporation

Part # RF1V
Description  RF1V Force Guided Relays/SF1V Relay Sockets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 1 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation RF1V Datasheet HTML 9Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RF1V
Relays & Sockets
810
www.IDEC.com
RF1V Force Guided Relays/SF1V Relay Sockets
Key features:
• Compact and EN compliant RF1V force guided relays
• Force guided contact mechanism
(EN50205 Type A TÜV approved)
• Contact configuration
4-pole (2NO-2NC, 3NO-1NC)
6-pole (4NO-2NC, 5NO-1NC, 3NO-3NC)
• Built-in LED indicator available.
• Fast response time (8 ms maximum).
• High shock resistance (200 m/s2 minimum)
• Finger-safe DIN rail mount socket and PC board mount socket.
Applicable Standard
Marking
Certification Organization/
File Number
UL508
CSA C22.2 No.14
UL/c-UL File No. E55996
EN50205
EN61810-1
TÜV SÜD
Part Number Selection
Part Number
Contact
Without LED Indicator
With LED Indicator
Rated Coil Voltage
4-pole
2NO-2NC
RF1V-2A2B-D12
RF1V-2A2BL-D12
12V DC
RF1V-2A2B-D24
RF1V-2A2BL-D24
24V DC
RF1V-2A2B-D48
RF1V-2A2BL-D48
48V DC
3NO-1NC
RF1V-3A1B-D12
RF1V-3A1BL-D12
12V DC
RF1V-3A1B-D24
RF1V-3A1BL-D24
24V DC
RF1V-3A1B-D48
RF1V-3A1BL-D48
48V DC
6-pole
4NO-2NC
RF1V-4A2B-D12
RF1V-4A2BL-D12
12V DC
RF1V-4A2B-D24
RF1V-4A2BL-D24
24V DC
RF1V-4A2B-D48
RF1V-4A2BL-D48
48V DC
5NO-1NC
RF1V-5A1B-D12
RF1V-5A1BL-D12
12V DC
RF1V-5A1B-D24
RF1V-5A1BL-D24
24V DC
RF1V-5A1B-D48
RF1V-5A1BL-D48
48V DC
3NO-3NC
RF1V-3A3B-D12
RF1V-3A3BL-D12
12V DC
RF1V-3A3B-D24
RF1V-3A3BL-D24
24V DC
RF1V-3A3B-D48
RF1V-3A3BL-D48
48V DC
Sockets
Style
No. of Poles Ordering Type No.
DIN Rail
Mount Sockets
4
SF1V-4-07L
6
SF1V-6-07L
PC Board
Mount Sockets
4
SF1V-4-61
6
SF1V-6-61
Certification for Sockets
Applicable Standard
Marking
Certification Organization/
File Number
UL508
CSA C22.2 No.14
UL/c-UL File No. E62437
EN147000
EN147100
TÜV SÜD
EC Low Voltage Directive
(DIN rail mount sockets only)


Similar Part No. - RF1V

ManufacturerPart #DatasheetDescription
logo
IDEC Corporation
RF1V IDEC-RF1V Datasheet
2Mb / 8P
Enables flexible construction of safety circuits
RF1V-2A2B-D12 IDEC-RF1V-2A2B-D12 Datasheet
2Mb / 8P
Enables flexible construction of safety circuits
RF1V-2A2B-D24 IDEC-RF1V-2A2B-D24 Datasheet
2Mb / 8P
Enables flexible construction of safety circuits
RF1V-2A2B-D48 IDEC-RF1V-2A2B-D48 Datasheet
2Mb / 8P
Enables flexible construction of safety circuits
RF1V-2A2BL-D12 IDEC-RF1V-2A2BL-D12 Datasheet
2Mb / 8P
Enables flexible construction of safety circuits
More results

Similar Description - RF1V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393258-0 MACOM-2-1393258-0 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1415012-1 MACOM-2-1415012-1 Datasheet
612Kb / 3P
Force Guided Relay SR2M
2-1415055-1 MACOM-2-1415055-1 Datasheet
553Kb / 3P
Force Guided Relay SR4 D/M
SR6 MACOM-SR6_11 Datasheet
675Kb / 3P
General Purpose Relays, Force Guided Relays
V23050-A1024-A533 MACOM-V23050-A1024-A533 Datasheet
628Kb / 3P
Force Guided Relay SR6 A/B/C/V
1-1393260-2 MACOM-1-1393260-2 Datasheet
553Kb / 3P
General Purpose Relays Force Guided Relays
logo
TE Connectivity Ltd
SR2ZY024 TEC-SR2ZY024 Datasheet
359Kb / 2P
Force Guided Relay on DIN-rail SR2 Z
SR6 TEC-SR6 Datasheet
506Kb / 2P
Force Guided Relay on DIN-rail SR6 Z
SR4 TEC-SR4 Datasheet
311Kb / 3P
Force Guided Relay SR4 D/M
SR4D TEC-SR4D Datasheet
311Kb / 3P
Force Guided Relay SR4 D/M
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com