Electronic Components Datasheet Search
  English  ▼

X  

RF1V Datasheet(PDF) 2 Page - IDEC Corporation

Part # RF1V
Description  RF1V Force Guided Relays/SF1V Relay Sockets
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

RF1V Datasheet(HTML) 2 Page - IDEC Corporation

  RF1V Datasheet HTML 1Page - IDEC Corporation RF1V Datasheet HTML 2Page - IDEC Corporation RF1V Datasheet HTML 3Page - IDEC Corporation RF1V Datasheet HTML 4Page - IDEC Corporation RF1V Datasheet HTML 5Page - IDEC Corporation RF1V Datasheet HTML 6Page - IDEC Corporation RF1V Datasheet HTML 7Page - IDEC Corporation RF1V Datasheet HTML 8Page - IDEC Corporation RF1V Datasheet HTML 9Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
811
800-262-IDEC (4332) • USA & Canada
RF1V
Relays & Sockets
Coil Ratings
Contact
Rated Coil
Voltage (V)
Rated Current
(mA) ±10%
(at 20°C) 1
Coil
Resistance (Ω)
±10% (at 20°C)
Operating Characteristics
(at 20°C)
Power
Consumption
Pickup Voltage
Dropout Voltage Maximum Continuous
Applied Voltage 2
4-pole
2NO-2NC
12V DC
30
400
75% maximum
10% minimum
110%
Approx. 0.36W
24V DC
15
1600
48V DC
7.5
6400
3NO-1NC
12V DC
30
400
24V DC
15
1600
48V DC
7.5
6400
6-pole
4NO-2NC
12V DC
41.7
288
Approx. 0.5W
24V DC
20.8
1152
48V DC
10.4
4608
5NO-1NC
12V DC
41.7
288
24V DC
20.8
1152
48V DC
10.4
4608
3NO-3NC
12V DC
41.7
288
24V DC
20.8
1152
48V DC
10.4
4608
1. For relays with LED indicator, the rated current increases by approx. 2 mA.
2. Maximum continuous applied voltage is the maximum voltage that can be applied to relay coils.
Accessories
Item
Appearance
Specifications
Type No.
Remarks
DIN Rail
Aluminum
Weight: Approx. 250g
BNDN1000
Length:
1m
Width:
35 mm
End Clip
Metal (zinc plated steel)
Weight:
Approx. 15g
BNL5
—
BNL6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com